Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8976CGEFL/RV Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8976CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976CGEFL/RV Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8976CGEFL/RV Datasheet HTML 35Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 38Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 39Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 40Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 114 page
background image
Production Data
WM8976
w
PD, Rev 4.5, November 2011
39
ALCMIN
Minimum Gain (dB)
000
-12
001
-6
010
0
011
6
100
12
101
18
110
24
111
30
Table 23 ALC Min Gain Values
Note that if the ALC gain setting strays outside the ALC operating range, either by starting the ALC
outside of the range or changing the ALCMAX or ALCMIN settings during operation, the ALC will
immediately adjust the gain to return to the ALC operating range. It is recommended that the ALC
starting gain is set between the ALCMAX and ALCMIN limits.
ALC HOLD TIME (NORMAL MODE ONLY)
In Normal mode, the ALC has an adjustable hold time which sets a time delay before the ALC begins
its decay phase (gain increasing). The hold time is set by the ALCHLD register.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R33
ALC Control
2
7:4
ALCHLD
0000
ALC hold time before gain is increased.
Table 24 ALC Hold Time
If the hold time is exceeded this indicates that the signal has reached a new average level and the
ALC will increase the gain to adjust for that new average level. If the signal goes above the threshold
during the hold period, the hold phase is abandoned and the ALC returns to normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com