Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8976CGEFL/RV Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8976CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976CGEFL/RV Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8976CGEFL/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 114 page
background image
Production Data
WM8976
w
PD, Rev 4.5, November 2011
19
Figure 9 Typical Power up Sequence where DVDD is Powered before AVDD
Figure 9 shows a typical power-up sequence where DVDD comes up first. First it is assumed that
DVDD is already up to specified operating voltage. When AVDD goes above the minimum threshold,
Vpora, there is enough voltage for the circuit to guarantee PORB is asserted low and the chip is held in
reset. In this condition, all writes to the control interface are ignored. When AVDD rises to Vpora_on,
PORB is released high and all registers are in their default state and writes to the control interface
may take place.
On power down, where DVDD falls first, PORB is asserted low whenever DVDD drops below the
minimum threshold Vpord_off.
SYMBOL
MIN
TYP
MAX
UNIT
Vpora
0.4
0.6
0.8
V
Vpora_on
0.9
1.2
1.6
V
Vpora_off
0.4
0.6
0.8
V
Vpord_on
0.5
0.7
0.9
V
Vpord_off
0.4
0.6
0.8
V
Table 3 Typical POR Operation (typical values, not tested)
Notes:
1.
If AVDD and DVDD suffer a brown-out (i.e. drop below the minimum recommended operating level but do not go below Vpora_off
or Vpord_off) then the chip will not reset and will resume normal operation when the voltage is back to the recommended level
again.
2.
The chip will enter reset at power down when AVDD or DVDD falls below Vpora_off or Vpord_off. This may be important if the supply
is turned on and off frequently by a power management system.
3.
The minimum tpor period is maintained even if DVDD and AVDD have zero rise time. This specification is guaranteed by design
rather than test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com