Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8976CGEFL/RV Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM8976CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976CGEFL/RV Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM8976CGEFL/RV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 114 page
background image
Production Data
WM8976
w
PD, Rev 4.5, November 2011
45
Figure 25 DAC Digital Filter Path
The analogue outputs from the DACs can then be mixed with the aux analogue inputs and the ADC
analogue inputs. The mix is fed to the output drivers for headphone (LOUT1/ROUT1), speaker
(LOUT2/ROUT2) or line (OUT3/OUT4). OUT3 and OUT4 have additional mixers which allow them to
output different signals to the headphone and speaker outputs.
DIGITAL PLAYBACK (DAC) PATH
Digital data is passed to the WM8976 via the flexible audio interface and is then passed through a
variety of advanced digital filters (as shown in Figure 25) to the hi-fi DACs. The DACs are enabled by
the DACENL/R register bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3
Power
Management 3
0
DACENL
0
Left channel DAC enable
0 = DAC disabled
1 = DAC enabled
1
DACENR
0
Right channel DAC enable
0 = DAC disabled
1 = DAC enabled
Table 27 DAC Enable Control
The WM8976 also has a Soft Mute function, which, when enabled, gradually attenuates the volume of
the digital signal to zero. When disabled, the gain will ramp back up to the digital gain setting. This
function is enabled by default. To play back an audio signal, this function must first be disabled by
setting the SOFTMUTE bit to zero.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10
DAC Control
0
DACPOLL
0
Left DAC output polarity:
0 = non-inverted
1 = inverted (180 degrees phase shift)
1
DACPOLR
0
Right DAC output polarity:
0 = non-inverted
1 = inverted (180 degrees phase shift)
2
AMUTE
0
Automute enable
0 = Amute disabled
1 = Amute enabled
3
DACOSR
0
DAC oversampling rate:
0=64x (lowest power)
1=128x (best performance)
6
SOFTMUTE
0
Softmute enable:
0=Enabled
1=Disabled
Table 28 DAC Control Register
The digital audio data is converted to oversampled bit streams in the on-chip, true 24-bit digital
interpolation filters. The bitstream data enters the multi-bit, sigma-delta DACs, which convert it to a
high quality analogue audio signal. The multi-bit DAC architecture reduces high frequency noise and
sensitivity to clock jitter. It also uses a Dynamic Element Matching technique for high linearity and low
distortion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com