Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8976CGEFL/RV Datasheet(PDF) 91 Page - Wolfson Microelectronics plc

Part # WM8976CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976CGEFL/RV Datasheet(HTML) 91 Page - Wolfson Microelectronics plc

Back Button WM8976CGEFL/RV Datasheet HTML 87Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 88Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 89Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 90Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 91Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 92Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 93Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 94Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 95Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 114 page
background image
Production Data
WM8976
w
PD, Rev 4.5, November 2011
91
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
6
JD_EN
0
Jack Detection Enable
0=disabled
1=enabled
Output
Switching
(Jack Detect)
5
0
Reserved
4
JD_SEL
0
Pin selected as jack detection input
0 = GPIO1
1 = GPIO2
Output
Switching
(Jack Detect)
3:0
0
Reserved
10 (0Ah)
8:7
00
Reserved
6
SOFTMUTE
0
Softmute enable:
0=Disabled
1=Enabled
Output Signal
Path
5:4
00
Reserved
3
DACOSR128
0
DAC oversample rate select
0 = 64x (lowest power)
1 = 128x (best SNR)
Power
Management
2
AMUTE
0
Automute enable
0 = Amute disabled
1 = Amute enabled
Output Signal
Path
1
DACPOLR
0
Right DAC output polarity:
0 = non-inverted
1 = inverted (180 degrees phase shift)
Output Signal
Path
0
DACPOLL
0
Left DAC output polarity:
0 = non-inverted
1 = inverted (180 degrees phase shift)
Output Signal
Path
11 (0Bh)
8
DACVU
N/A
DAC left and DAC right volume do not update until
a 1 is written to DACVU (in reg 11 or 12)
Digital to
Analogue
Converter
(DAC)
7:0
DACVOLL
11111111
Left DAC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -127dB
0000 0010 = -126.5dB
… 0.5dB steps up to
1111 1111 = 0dB
Digital to
Analogue
Converter
(DAC)
12 (0Ch)
8
DACVU
N/A
DAC left and DAC right volume do not update until
a 1 is written to DACVU (in reg 11 or 12)
Output Signal
Path
7:0
DACVOLR
11111111
Right DAC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -127dB
0000 0010 = -126.5dB
... 0.5dB steps up to
1111 1111 = 0dB
Output Signal
Path
13 (0Dh)
8
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com