Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8976CGEFL/RV Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8976CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976CGEFL/RV Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8976CGEFL/RV Datasheet HTML 28Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 29Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 30Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 31Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 33Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 34Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 35Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 114 page
background image
WM8976
Production Data
w
PD, Rev 4.5, November 2011
32
INPUT LIMITER / AUTOMATIC LEVEL CONTROL (ALC)
The WM8976 has an automatic PGA gain control circuit, which can function as an input peak limiter
or as an automatic level control (ALC).
The Automatic Level Control (ALC) provides continuous adjustment of the input PGA in response to
the amplitude of the input signal. A digital peak detector monitors the input signal amplitude and
compares it to a register defined threshold level (ALCLVL).
If the signal is below the threshold, the ALC will increase the gain of the PGA at a rate set by
ALCDCY. If the signal is above the threshold, the ALC will reduce the gain of the PGA at a rate set
by ALCATK.
The ALC has two modes selected by the ALCMODE register: normal mode and peak limiter mode.
The ALC/limiter function is enabled by setting the register bit R32[8] ALCSEL.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R32 (20h)
ALC Control
1
2:0
ALCMIN
[2:0]
000 (-12dB)
Set minimum gain of PGA
000 = -12dB
001 = -6dB
010 = 0dB
011 = +6dB
100 = +12dB
101 = +18dB
110 = +24dB
111 = +30dB
5:3
ALCMAX
[2:0]
111
(+35.25dB)
Set Maximum Gain of PGA
111 = +35.25dB
110 = +29.25dB
101 = +23.25dB
100 = +17.25dB
011 = +11.25dB
010 = +5.25dB
001 = -0.75dB
000 = -6.75dB
8:7
ALCSEL
00
ALC function select
00 = ALC disabled
01 = Right channel ALC enabled
10 = Left channel ALC enabled
11 = Both channels ALC enabled
R33 (21h)
ALC Control
2
3:0
ALCLVL
[3:0]
1011
(-6dB)
ALC target – sets signal level at ADC
input
1111 = -1.5dBFS
1110 = -1.5dBFS
1101 = -3dBFS
1100 = -4.5dBFS
1011 = -6dBFS
1010 = -7.5dBFS
1001 = -9dBFS
1000 = -10.5dBFS
0111 = -12dBFS
0110 = -13.5dBFS
0101 = -15dBFS
0100 = -16.5dBFS
0011 = -18dBFS
0010 = -19.5dBFS
0001 = -21dBFS
0000 = -22.5dBFS
8
Reserved
0
Reserved. Set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com