Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8976CGEFL/RV Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM8976CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976CGEFL/RV Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM8976CGEFL/RV Datasheet HTML 61Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 62Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 63Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 64Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 65Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 66Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 67Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 68Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 114 page
background image
Production Data
WM8976
w
PD, Rev 4.5, November 2011
65
A dedicated buffer is available for tying off unused analogue I/O pins as shown in Figure 34. This
buffer can be enabled using the BUFIOEN register bit.
If the SPKBOOST, OUT3BOOST or OUT4BOOST bits are set then the relevant outputs will be tied to
the output of the DC level shift buffer at 1.5xAVDD/2 when disabled.
Figure 34 summarises the tie-off options for the speaker and mono output pins.
Figure 34 Unused Input/Output Pin Tie-off Buffers
L/ROUT2EN/
OUT3/4EN
OUT3BOOST/
OUT4BOOST/
SPKBOOST
VROI
OUTPUT CONFIGURATION
0
0
0
1kΩ tie-off to AVDD/2
0
0
1
30kΩ tie-off to AVDD/2
0
1
0
1kΩ tie-off to 1.5xAVDD/2
0
1
1
30kΩ tie-off to 1.5xAVDD/2
1
0
X
Output enabled (DC level=AVDD/2)
1
1
X
Output enabled (DC level=1.5xAVDD/2)
Table 53 Unused Output Pin Tie-off Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com