Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8976CGEFL/RV Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8976CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976CGEFL/RV Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8976CGEFL/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 27Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 28Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 29Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 30Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 31Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 114 page
background image
Production Data
WM8976
w
PD, Rev 4.5, November 2011
29
The polarity of the output signal can also be changed under software control using the ADCLPOL
register bit. The oversampling rate of the ADC can be adjusted using the ADCOSR register bit. With
ADCOSR=0 the oversample rate is 64x which gives lowest power operation and when ADCOSR=1
the oversample rate is 128x which gives best performance.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R14
ADC Control
0
ADCLPOL
0
ADC polarity adjust:
0=normal
1=inverted
3
ADCOSR
0
ADC oversample rate select:
0=64x (lower power)
1=128x (best performance)
Table 13 ADC Control
SELECTABLE HIGH PASS FILTER
A selectable high pass filter is provided. To disable this filter set HPFEN=0. The filter has two modes
controlled by HPFAPP. In Audio Mode (HPFAPP=0) the filter is first order, with a cut-off frequency of
3.7Hz. In Application Mode (HPFAPP=1) the filter is second order, with a cut-off frequency selectable
via the HPFCUT register. The cut-off frequencies when HPFAPP=1 are shown in Table 15.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R14
ADC Control
8
HPFEN
1
High Pass Filter Enable
0=disabled
1=enabled
7
HPFAPP
0
Select audio mode or application mode
0=Audio mode (1
st order, fc = ~3.7Hz)
1=Application mode (2
nd order, fc =
HPFCUT)
6:4
HPFCUT
000
Application mode cut-off frequency
See Table 15 for details.
Table 14 ADC Enable Control
HPFCUT
[2:0]
SR=101/100
SR=011/010
SR=001/000
fs (kHz)
8
11.025
12
16
22.05
24
32
44.1
48
000
82
113
122
82
113
122
82
113
122
001
102
141
153
102
141
153
102
141
153
010
131
180
196
131
180
196
131
180
196
011
163
225
245
163
225
245
163
225
245
100
204
281
306
204
281
306
204
281
306
101
261
360
392
261
360
392
261
360
392
110
327
450
490
327
450
490
327
450
490
111
408
563
612
408
563
612
408
563
612
Table 15 High Pass Filter Cut-off Frequencies (HPFAPP=1). Values in Hz.
Note that the High Pass filter values (when HPFAPP=1) are calculated with the assumption that the
SR register bits are set correctly for the actual sample rate as shown in Table 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com