Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8976CGEFL/RV Datasheet(PDF) 48 Page - Wolfson Microelectronics plc

Part # WM8976CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976CGEFL/RV Datasheet(HTML) 48 Page - Wolfson Microelectronics plc

Back Button WM8976CGEFL/RV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 51Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 52Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 114 page
background image
WM8976
Production Data
w
PD, Rev 4.5, November 2011
48
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24
DAC digital
limiter control
1
3:0
LIMATK
0010
Limiter Attack time (per 6dB gain
change) for 44.1kHz sampling. Note
that these will scale proportionally with
sample rate.
0000=94us
0001=188s
0010=375us
0011=750us
0100=1.5ms
0101=3ms
0110=6ms
0111=12ms
1000=24ms
1001=48ms
1010=96ms
1011 to 1111=192ms
7:4
LIMDCY
0011
Limiter Decay time (per 6dB gain
change) for 44.1kHz sampling. Note
that these will scale proportionally with
sample rate:
0000=750us
0001=1.5ms
0010=3ms
0011=6ms
0100=12ms
0101=24ms
0110=48ms
0111=96ms
1000=192ms
1001=384ms
1010=768ms
1011 to 1111=1.536s
8
LIMEN
0
Enable the DAC digital limiter:
0=disabled
1=enabled
R25
DAC digital
limiter control
2
3:0
LIMBOOST
0000
Limiter volume boost (can be used as a
stand alone volume boost when
LIMEN=0):
0000=0dB
0001=+1dB
0010=+2dB
… (1dB steps)
1011=+11dB
1100=+12dB
1101 to 1111=reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com