Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8976CGEFL/RV Datasheet(PDF) 74 Page - Wolfson Microelectronics plc

Part # WM8976CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976CGEFL/RV Datasheet(HTML) 74 Page - Wolfson Microelectronics plc

Back Button WM8976CGEFL/RV Datasheet HTML 70Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 71Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 72Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 73Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 74Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 75Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 76Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 77Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 78Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 114 page
background image
WM8976
Production Data
w
PD, Rev 4.5, November 2011
74
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5
Companding
Control
0
LOOPBACK
0
Digital loopback function
0=No loopback
1=Loopback enabled, ADC data output
is fed directly into left DAC data input.
2:1
ADC_COMP
0
ADC companding
00=off (linear mode)
01=reserved
10=µ-law
11=A-law
4:3
DAC_COMP
0
DAC companding
00=off (linear mode)
01=reserved
10=µ-law
11=A-law
5
WL8
0
0=off
1=device operates in 8-bit mode
Table 60 Companding Control
Companding involves using a piecewise linear approximation of the following equations (as set out by
ITU-T G.711 standard) for data compression:
-law (where =255 for the U.S. and Japan):
F(x) = ln( 1 +
|x|) / ln( 1 + )
-1 ≤ x ≤ 1
A-law (where A=87.6 for Europe):
F(x) = A|x| / ( 1 + lnA)
 for x ≤ 1/A
F(x) = ( 1 + lnA|x|) / (1 + lnA)
 for 1/A ≤ x ≤ 1
The companded data is also inverted as recommended by the G.711 standard (all 8 bits are inverted
for
-law, all even data bits are inverted for A-law). The data will be transmitted as the first 8 MSB’s
of data.
Companding converts 13 bits (
-law) or 12 bits (A-law) to 8 bits using non-linear quantization. The
input data range is separated into 8 levels, allowing low amplitude signals better precision than that of
high amplitude signals. This is to exploit the operation of the human auditory system, where louder
sounds do not require as much resolution as quieter sounds. The companded signal is an 8-bit word
containing sign (1-bit), exponent (3-bits) and mantissa (4-bits).
Setting the WL8 register bit allows the device to operate with 8-bit data. In this mode it is possible to
use 8 BCLK’s per LRC frame. When using DSP mode B, this allows 8-bit data words to be output
consecutively every 8 BCLK’s and can be used with 8-bit data words using the A-law and u-law
companding functions.
BIT7
BIT[6:4]
BIT[3:0]
SIGN
EXPONENT
MANTISSA
Table 61 8-bit Companded Word Composition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com