Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8976CGEFL/RV Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8976CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976CGEFL/RV Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8976CGEFL/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 114 page
background image
Production Data
WM8976
w
PD, Rev 4.5, November 2011
23
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R44
Input
Control
0
LIP2INPPGA
1
Connect LIP pin to input PGA amplifier
positive terminal.
0 = LIP not connected to input PGA
1 = input PGA amplifier positive terminal
connected to LIP (constant input
impedance)
1
LIN2INPPGA
1
Connect LIN pin to input PGA negative
terminal.
0=LIN not connected to input PGA
1=LIN connected to input PGA amplifier
negative terminal.
2
L2_2INPPGA
0
Connect L2 pin to input PGA positive
terminal.
0=L2 not connected to input PGA
1=L2 connected to input PGA amplifier
positive terminal (constant input
impedance).
Table 5 Input PGA Control
INPUT PGA VOLUME CONTROL
The input microphone PGA has a gain range from -12dB to +35.25dB in 0.75dB steps. The gain from
the LIN input to the PGA output and from the L2 amplifier to the PGA output is always common and
controlled by the register bits INPPGAVOLL[5:0]. These register bits also affect the LIP pin when
LIP2INPPGA=1, the L2 pin when L2_2INPPGA=1 and the L2 pin when L2_2INPPGA=1.
When the Automatic Level Control (ALC) is enabled the input PGA gains are controlled automatically
and the INPPGAVOLL bits should not be used.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R45
Input PGA
volume
control
5:0
INPPGAVOLL
010000
Input PGA volume
000000 = -12dB
000001 = -11.25db
.
010000 = 0dB
.
111111 = 35.25dB
6
INPPGAMUTEL
0
Mute control for input PGA:
0=Input PGA not muted, normal
operation
1=Input PGA muted (and disconnected
from the following input BOOST stage).
7
INPPGAZCL
0
Input PGA zero cross enable:
0=Update gain when gain register
changes
1=Update gain on 1
st zero cross after
gain register write.
8
INPPGAUPDATE
Not
latched
INPPGAVOLL volume does not update
until a 1 is written to INPPGAUPDATE
R32
ALC control
1
8
ALCSEL
0
ALC function select:
0=ALC off
1=ALC on
Table 6 Input PGA Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com