Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8976CGEFL/RV Datasheet(PDF) 101 Page - Wolfson Microelectronics plc

Part # WM8976CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976CGEFL/RV Datasheet(HTML) 101 Page - Wolfson Microelectronics plc

Back Button WM8976CGEFL/RV Datasheet HTML 97Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 98Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 99Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 100Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 101Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 102Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 103Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 104Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 105Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 114 page
background image
Production Data
WM8976
w
PD, Rev 4.5, November 2011
101
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
5:0
ROUT1VOL
111001
Right headphone output volume:
000000 = -57dB
...
111001 = 0dB
...
111111 = +6dB
Analogue
Outputs
54 (36h)
8
SPKVU
N/A
LOUT2 and ROUT2 volumes do not update until a
1 is written to SPKVU (in reg 54 or 55)
Analogue
Outputs
7
LOUT2ZC
0
Speaker volume zero cross enable:
1 = Change gain on zero cross only
0 = Change gain immediately
Analogue
Outputs
6
LOUT2
MUTE
0
Left speaker output mute:
0 = Normal operation
1 = Mute
Analogue
Outputs
5:0
LOUT2VOL
111001
Left speaker output volume:
000000 = -57dB
...
111001 = 0dB
...
111111 = +6dB
Analogue
Outputs
55 (37h)
8
SPKVU
N/A
LOUT2 and ROUT2 volumes do not update until a
1 is written to SPKVU (in reg 54 or 55)
Analogue
Outputs
7
ROUT2ZC
0
Speaker volume zero cross enable:
1 = Change gain on zero cross only
0 = Change gain immediately
Analogue
Outputs
6
ROUT2
MUTE
0
Right speaker output mute:
0 = Normal operation
1 = Mute
Analogue
Outputs
5:0
ROUT2VOL
111001
Right speaker output volume:
000000 = -57dB
...
111001 = 0dB
...
111111 = +6dB
Analogue
Outputs
56 (38h)
8:7
00
Reserved
6
OUT3MUTE
0
0 = Output stage outputs OUT3 mixer
1 = Output stage muted – drives out VMID. Can be
used as VMID buffer in this mode.
Analogue
Outputs
5:4
00
Reserved
3
OUT4_2OUT3
0
OUT4 mixer output to OUT3
0 = disabled
1= enabled
Analogue
Outputs
2
BYPL2OUT3
0
ADC input to OUT3
0 = disabled
1= enabled
Analogue
Outputs
1
LMIX2OUT3
0
Left DAC mixer to OUT3
0 = disabled
1= enabled
Analogue
Outputs
0
LDAC2OUT3
1
Left DAC output to OUT3
0 = disabled
1= enabled
Analogue
Outputs
57 (39h)
8:7
00
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com