Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9082 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM9082
Description  PDM Input Mono 3W Class D Speaker Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9082 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM9082 Datasheet HTML 1Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 2Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 3Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 4Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 5Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Production Data
WM9082
w
PD, August 2012, Rev 4.1
5
ELECTRICAL CHARACTERISTICS
Test Conditions
SPKVDD = 3.6V, DVDD = 1.8V, SPKGND=GND = 0V, TA = +25
oC, Load = 4Ω+33µH,
1kHz signal, CLK=6.144MHz (128fs), fs=48kHz unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Speaker Driver
Signal to Noise ratio
SNR
A-weighted
92
dB
Idle channel noise
A-weighted
66
VRMS
Total Harmonic
Distortion + Noise
THD+N
PO = 625mW
-70
dB
Output Power
(THD+N = 1%)
PO
RL = 4, SPKVDD = 3.6V
1.3
W
RL = 4, SPKVDD = 5.0V
2.5
RL = 8, SPKVDD = 3.6V
0.65
RL = 8, SPKVDD = 5.0V
1.25
Speaker Load resistance
(see note 1)
3
Speaker Load
capacitance
(see note 1)
Direct connection to
SPKOUTP+SPKOUTN
200
pF
PSRR (SPKVDD)
PSRR
200mV (peak-peak) 217Hz
Idle digital audio input while in
the ON state
70
dB
Power efficiency
RL = 4, PO = 625mW,
SPKVDD = 3.6V
82
%
RL = 8, PO = 625mW,
SPKVDD = 3.6V
86
Clocking (IN1 or IN2)
CLK input
fs = 48kHz
6.144
MHz
fs = 44.1kHz
5.6448
fs = 32kHz
4.096
Digital Input (IN1 or IN2)
Input high level
(see note 1)
0.7 x DVDD
V
Input low level
(see note 1)
0.3 x DVDD
V
Input capacitance
(see note 1)
10
pF
Input leakage
-0.9
0.9
A
Other Parameters
Pop-free start-up time
‘OFF’ state to ‘ON’ state
(see Figure 3)
1
ms
Shutdown time
‘ON’ state to ‘OFF’ state
(see Figure 3)
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com