Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9082 Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM9082
Description  PDM Input Mono 3W Class D Speaker Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9082 Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM9082 Datasheet HTML 15Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 16Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 17Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 18Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 19Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 20Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 21Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 22Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Production Data
WM9082
w
PD, August 2012, Rev 4.1
19
For filterless Class D operation, it is important to ensure that a speaker with suitable inductance is
chosen. For example, if we know the speaker impedance is 8Ω and the desired cut-off frequency is
20kHz, then the optimum speaker inductance may be calculated as:
8
 loudspeakers typically have an inductance in the range 20H to 100H, however, it should be
noted that a loudspeaker inductance will not be constant across the relevant frequencies for Class D
operation (up to and beyond the Class D switching frequency).
The Class D outputs of the WM9082 operate at much higher frequencies than is recommended for
most speakers; care should be taken to ensure that the cut-off frequency of the loudspeaker’s filtering
is low enough to suppress the high frequency energy of the Class D switching and, in so doing, to
prevent speaker damage.
A simple test can be used to confirm if the loudspeaker is compatible with filterless operation. Under
quiescent input conditions (idle digital audio input while in the ON state), the SPKVDD current is
measured with the speaker disconnected, and measured again with the speaker connected. If the
SPKVDD current increases by more than 10mA when the speaker is connected, then the speaker
alone is not effective as a filter, and it is recommended to consider changing the speaker or adding
LC filter components.
RECOMMENDED EXTERNAL COMPONENTS DIAGRAM
Figure 7 provides a summary of recommended external components for WM9082. Note that the
actual requirements may differ according to the specific target application.
Figure 7 WM9082 Recommended External Components Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com