Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9082 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM9082
Description  PDM Input Mono 3W Class D Speaker Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9082 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM9082 Datasheet HTML 16Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 17Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 18Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 19Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 20Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 21Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 22Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 23Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 24Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
WM9082
Production Data
w
PD, August 2012, Rev 4.1
22
PACKAGE DIAGRAM FOR DEVICES MARKED JC5
D M 085.C
B : 9 B A L L W -C S P P A C K A G E 1.570 X 1.470 X 0.649 m m B O D Y , 0.50 m m B A L L P IT C H
NO T E S :
1. PRIM AR Y D A T U M -Z - A ND SEAT ING PL AN E A R E DEF IN E D BY T H E SPH E R ICAL CRO W N S OF T H E SO L D ER BA L L S.
2. A 1 C O R N ER IS ID E N T IF IED BY IN K/L A SER M ARK O N T O P PA CKAG E .
3. ‘e’ REPRESENT S T H E B A SIC SOL D ER B A L L G R ID PIT C H .
4. T H IS D RAW IN G IS SUB JECT T O CHA NG E W IT H OU T N O T ICE.
5. F O L L O W S JE D E C D E S IG N G U ID E M O -211 -C .
A1
0.212
D
D1
E
E1
e
1.000 B S C
1 .470
0.273
1.000 B S C
0.500 B S C
1 .570
D im ensio ns (m m )
S ym bols
MIN
NOM
MA X
N O T E
A
0.649
A2
0.387
0 .400
0.413
3
f1
0.688
0.610
0 .249
0.286
0.223
h
0 .311
A1
CO RN E R
T O P VIEW
E
D
2
D E T A IL 2
DE T A IL 2
A
A2
A1
Z
1
S O LD E R B A LL
E1
A
DET A IL 1
C
B
e
e
B O T T O M VIEW
1
3
2
f1
f2
h
3
D1
0.025
4 X
4
4
f2
D E T A IL 1
1.545
1.445
1.495
1.595
0.261
0.361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com