Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9082 Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM9082
Description  PDM Input Mono 3W Class D Speaker Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9082 Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM9082 Datasheet HTML 10Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 11Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 12Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 13Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 14Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 15Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 16Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 17Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
WM9082
Production Data
w
PD, August 2012, Rev 4.1
14
CONDITION
DESCRIPTION
4 x Code 1
Fast start-up for default SPKVDD condition (SPKVDD = 3.6V)
32 x Code 9
Start-up for SPKVDD = 3.6V
32 x Code 10
Start-up for SPKVDD = 5.0V
PDM audio data
Fast start-up
Table 7 WM9082 Start-Up Events
STANDBY EVENTS
The WM9082 Class D output is disabled whenever the PDM input data is interrupted, or when a valid
Standby Control Code is detected. The WM9082 Standby transition is selected during normal
operation (ie. from the “ON” state”) under any of the conditions described in Table 8. Each of these
conditions results in a transition to the “STANDBY” state.
CONDITION
DESCRIPTION
32 x Code 2
Standby command - selects STANDBY state
64 x Any Control Code
Selects STANDBY state
Error condition
Selects STANDBY state
(An error condition is detected if >24 consecutive 1’s or >24
consecutive 0’s is received on the PDM audio interface.)
Table 8 WM9082 Standby Events
Note that repeated instances of any Control Code will not cause more than one state transition until
audio data or a different Control Code has been received. This prevents the WM9082 from cycling
between the “ON” state and the “STANDBY” state in the event of repeated Control Codes.
SHUTDOWN EVENTS
If the CLK input is not present at any time, this results in a transition to the “OFF” state. The WM9082
will remain in the “OFF” state until the CLK input restarts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com