Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9082 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM9082
Description  PDM Input Mono 3W Class D Speaker Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9082 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM9082 Datasheet HTML 12Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 13Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 14Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 15Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 16Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 17Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 18Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 19Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
WM9082
Production Data
w
PD, August 2012, Rev 4.1
16
SPEAKER DRIVER
The speaker outputs SPKOUTP and SPKOUTN operate in a BTL configuration. These pins provide a
differential output for direct connection to the loudspeaker. In a typical application, no other external
components are required for the loudspeaker connection.
The sigma-delta architecture of the Class D driver is more linear and power efficient than traditional
PWM implementations, resulting in reduced power consumption and improved EMI characteristics.
The speaker driver is disabled during start-up and following receipt of selected Control Codes which
can be used to configure the WM9082. The driver is automatically re-enabled on receipt of any audio
data.
RESETS AND SHUTDOWN
A power on reset circuit ensures correct start-up and shut-down when the DVDD supply rail is
enabled or disabled.
The WM9082 is held in the “OFF” state when there is no CLK signal detected on the IN1 or IN2 pins;
the Shutdown current in the “OFF” state is noted in the “Electrical Characteristics” section.
Short circuit and thermal protection is also provided. In the event of an output short-circuit or an over-
temperature condition, the WM9082 will protect itself by disabling the Class D speaker driver. The
WM9082 will automatically recover and continue normal operation when the fault condition is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com