Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9082 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM9082
Description  PDM Input Mono 3W Class D Speaker Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9082 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM9082 Datasheet HTML 14Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 15Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 16Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 17Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 18Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 19Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 20Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 21Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
WM9082
Production Data
w
PD, August 2012, Rev 4.1
18
Figure 4 Speaker Connection Losses
The Class D output requires external filtering in order to recreate the audio signal. This may be
implemented using a 2
nd order LC filter, or else may be achieved by using a loudspeaker whose
internal inductance provides the required filter response. An LC filter should be used if the
loudspeaker characteristics are unknown or unsuitable, or if the length of the loudspeaker connection
is likely to lead to EMI problems.
A suitable LC filter implementation is illustrated in Figure 5.
Figure 5 Class D Output Filter Components
A simple equivalent circuit of a loudspeaker consists of a serially connected resistor and inductor, as
shown in Figure 6. This circuit provides a low pass filter for the speaker output. If the loudspeaker
characteristics are suitable, then the loudspeaker itself can be used in place of the filter components
described earlier. This is known as ‘filterless’ operation.
Figure 6 Speaker Equivalent Circuit for Filterless Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com