Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9082 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM9082
Description  PDM Input Mono 3W Class D Speaker Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9082 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM9082 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 9Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 10Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 11Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 12Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 13Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 14Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 15Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
WM9082
Production Data
w
PD, August 2012, Rev 4.1
12
As noted above, the WM9082 Control Codes are only valid when they are transmitted consecutively
for the required number of times. The valid Control Codes can be used to control the operating state
of the WM9082 and also to select different operating modes.
The “Page 2 access” Control Code enables the Page 2 Control Codes for the next control code only;
the Page 1 codes will apply again for any subsequent control code(s).
The state transitions and operating modes are described below.
INITIAL POWER-UP
When a valid CLK signal is first detected on IN1 or IN2, the WM9082 powers up to the “STANDBY”
state. The WM9082 will remain in this state until a “Start-up Event” is detected, or until the CLK signal
is removed.
CONFIGURATION EVENTS
In the STANDBY state, the WM9082 can be configured (if required) using the Control Code
sequences listed in Table 6.
Note that these Control Code sequences are only valid when the WM9082 is in the STANDBY state; it
is not possible to configure the device whilst simultaneously sending audio data.
The following features are configurable in the STANDBY state:
Sample rate (33kHz, 44.1kHz or 48kHz)
Input path High Pass Filter (HPF)
Output slew rate control
Operating Mode (PSRR vs SNR control)
The cut-off frequency of the input path HPF, when enabled, is around 2Hz, assuming a 48kHz audio
sample rate (CLK = 6.144MHz).
The operating mode selections provide different options for SNR vs PSRR optimisation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com