Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9082 Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM9082
Description  PDM Input Mono 3W Class D Speaker Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9082 Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM9082 Datasheet HTML 16Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 17Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 18Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 19Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 20Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 21Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 22Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 23Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 24Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Production Data
WM9082
w
PD, August 2012, Rev 4.1
21
PACKAGE DIMENSIONS
PACKAGE DIAGRAM FOR DEVICES MARKED LT9
DM085.B
B: 9 BALL W-CSP PACKAGE 1.560 X 1.460 X 0.635mm BODY, 0.50 mm BALL PITCH
NOTES:
1. PRIMARY DATUM -Z- AND SEATING PLANE ARE DEFINED BY THE SPHERICAL CROWNS OF THE SOLDER BALLS.
2. A1 CORNER IS IDENTIFIED BY INK/LASER MARK ON TOP PACKAGE.
3. ‘e’ REPRESENTS THE BASIC SOLDER BALL GRID PITCH.
4. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
5. FOLLOWS JEDEC DESIGN GUIDE MO-211-C.
A1
0.230
D
D1
E
E1
e
1.000 BSC
1.460
0.275
1.000 BSC
0.500 BSC
1.560
Dimensions (mm)
Symbols
MIN
NOM
MAX
NOTE
A
0.635
A2
0.388
0.400
0.412
3
f1
0.652
0.618
0.235
0.240
0.225
h
0.320
A1
CORNER
TOP VIEW
E
D
2
DETAIL 2
DETAIL 2
A
A2
A1
Z
1
SOLDER BALL
E1
A
DETAIL 1
C
B
e
e
BOTTOM VIEW
1
32
f1
f2
h
3
D1
0.05
4 X
4
4
f2
DETAIL 1
1.550
1.450
1.470
1.570



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com