Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9082 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM9082
Description  PDM Input Mono 3W Class D Speaker Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9082 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM9082 Datasheet HTML 1Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 2Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 3Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 4Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 5Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Production Data
WM9082
w
PD, August 2012, Rev 4.1
3
PIN CONFIGURATION
The WM9082 is supplied in a 9-ball CSP format. The pin configuration is illustrated below, showing
the top-down view from above the chip.
ORDERING INFORMATION
ORDER CODE
TEMPERATURE RANGE
PACKAGE
MOISTURE
SENSITIVITY LEVEL
PEAK SOLDERING
TEMPERATURE
WM9082ECSN/R
-40
C to +85C
9-ball CSP
(Pb-free, tape and reel)
MSL1
260
oC
Note:
Reel quantity = 5,000
PIN DESCRIPTION
PIN NO
NAME
TYPE
DESCRIPTION
A1
SPKOUTP
Analogue Output
Positive BTL speaker output
A2
DNC
Do not connect
A3
GND
Supply
Ground
B1
SPKVDD
Supply
Class D output driver supply
B2
SPKGND
Supply
Ground
B3
DVDD
Supply
Digital supply
C1
SPKOUTN
Analogue Output
Negative BTL speaker output
C2
IN2
Digital Input
PDM input (CLK or Left DATA input)
C3
IN1
Digital Input
PDM input (CLK or Right DATA input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com