Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9082 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM9082
Description  PDM Input Mono 3W Class D Speaker Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9082 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM9082 Datasheet HTML 1Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 2Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 3Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 4Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 5Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
w
WM9082
PDM Input Mono 3W Class D Speaker Driver
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, August 2012, Rev 4.1
Copyright
2012 Wolfson Microelectronics plc
DESCRIPTION
The WM9082 is a high-performance sigma-delta Class D
speaker driver. Audio input is supported using a stereo PDM
interface; clock and control-code detection circuitry supports
all of the audio and control functions via a 2-wire interface.
The digital audio interface provides excellent noise
immunity, eliminating traditional input-filtering components.
The flexible 2-wire interface minimises the PCB footprint and
simplifies software development.
The combined audio and control interface configuration is
ideal for enabling the WM9082 to be located close to the
speaker; this reduces the length of the output connections,
giving good EMC performance and removing the need for
output filter components.
The sigma-delta architecture provides good power efficiency
and improved EMI performance with respect to traditional
PWM Class D designs.
A first-order high-pass filter can be selected on the input
signal to remove DC offsets and help to prevent speaker
damage. Other features include a low-power mute state,
and output slew-rate control.
Short-circuit and thermal protection is provided.
The WM9082 is supplied in a 9-ball 1.56 x 1.46mm CSP
package, with 0.5mm ball pitch.
FEATURES
 Sigma-Delta Class-D speaker driver
-
92dB SNR - ‘A’ weighted
-
2.5W into 4
 (5V supply, 1% THD)
-
1.3W into 4
 (3.6V supply, 1% THD)
-
1.25W into 8
 (5V supply, 1% THD)
-
650mW into 8
 (3.6V supply, 1% THD
 Stereo PDM digital audio input
 Supports 32kHz, 44.1kHz, 48kHz sample rates (128fs input)
 Automatic Left/Right channel selection
 First-order high pass filter (HPF)
 RF noise suppression
 Pop and click suppression
 Programmable output slew rates for low EMI
 Short-circuit and thermal protection
 9-ball CSP package
APPLICATIONS
 Mobile Handsets
 Portable Media Players (PMP)
 Notebooks / Laptop computers
 LCD televisions
BLOCK DIAGRAM


Similar Part No. - WM9082

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM9081 CIRRUS-WM9081 Datasheet
2Mb / 103P
Mono DAC with 2.6W Class AB/D Speaker Driver, Dynamic Range Controller and ReTune??Mobile Parametric Equalizer
More results

Similar Description - WM9082

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2010B ANPEC-APA2010B Datasheet
542Kb / 19P
3W Mono Class-D Audio Power Amplifier
APA2012 ANPEC-APA2012 Datasheet
344Kb / 19P
3W Mono Class-D Audio Power Amplifier
logo
Analog Devices
SSM2537ACBZ-RL AD-SSM2537ACBZ-RL Datasheet
331Kb / 16P
PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
REV. 0
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
3W MONO CLASS D AUDIO AMPLIFIER
Rev 1
logo
Lowpower Semiconductor ...
LPA2010 POWER-LPA2010 Datasheet
543Kb / 9P
Filterless 3W Class- D Mono Audio Amplifier
logo
Anpec Electronics Corop...
APA2012 ANPEC-APA2012_18 Datasheet
293Kb / 19P
3W Mono Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8013 DIODES-PAM8013 Datasheet
467Kb / 9P
3W MONO CLASS D AUDIO AMPLIFIER
Rev 2
logo
Analog Devices
SSM2517 AD-SSM2517 Datasheet
429Kb / 16P
PDM Digital Input, Mono 2.4 W Class-D Audio Amplifier
9/11-Rev. A to Rev. B
logo
Shenzhen Huazhimei Semi...
HM2010A HMSEMI-HM2010A Datasheet
712Kb / 7P
3W Class D Fully Differential Input Mono Audio Amplifier
logo
Lowpower Semiconductor ...
LPA2104A POWER-LPA2104A Datasheet
390Kb / 9P
Filterless 3W Class- D Mono Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com