Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8523GEFL/V Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8523GEFL/V
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523GEFL/V Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8523GEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
Production Data
WM8523
w
PD, Rev 4.1, August 2011
33
POWER UP AND DOWN CONTROL IN HARDWARE MODE
In hardware mode the MCLK, BCLK and MUTE
¯¯¯¯¯ pins are monitored to control how the device powers up
or down, and this is summarised in Figure 25 below.
Figure 25 Hardware Power Sequence Diagram
Off to Enable
To power up the device to enabled, start MCLK and BCLK and set MUTE
¯¯¯¯¯ = 1.
Off to Standby
To power up the device to standby, start MCLK and BCLK and set MUTE
¯¯¯¯¯ = 0. Once the device is in
standby mode, BCLK can be disabled and the device will remain in standby mode.
Standby to Enable
To transition from the standby state to the enabled state, set the MUTE
¯¯¯¯¯ pin to logic 1 and start BCLK.
Enable to Standby
To power down to a standby state leaving the charge pump running, either set the MUTE
¯¯¯¯¯ pin to logic 0 or
stop BCLK. MCLK must continue to run in these situations. The device will automatically mute and
power down quietly in either case.
Note: It is recommended that the device is placed in standby mode before sample rate change if the sample rate changes more than once
in 1026 LRCLK periods, as detailed in Digital Audio Data Sampling Rates on page 26.
Enable to Off
To power down the device completely, stop MCLK at any time. It is recommended that the device is
placed into standby mode as described above before stopping MCLK to allow a quiet shutdown.
For the timing of the off state to enabled state transition (power on to audio out timing), and the enabled
state to standby state transition (the shutdown timing), please refer to WTN0302.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com