Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8523GEFL/V Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8523GEFL/V
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523GEFL/V Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8523GEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
Production Data
WM8523
w
PD, Rev 4.1, August 2011
17
DEVICE DESCRIPTION
INTRODUCTION
The WM8523 provides high fidelity, 2Vrms ground referenced stereo line output from a single supply line
with minimal external components. The integrated DC servo eliminates the requirement for external
mute circuitry by minimising DC transients at the output during power up/down. The device is well-suited
to both stereo and multi-channel systems.
The device supports all common audio sampling rates between 8kHz and 192kHz using common MCLK
fs rates. Master and slave modes are available.
The WM8523 supports both hardware and software control modes.
In hardware control mode, the digital audio interface format is switchable between 16 to 24bits LJ, RJ
and I2S. Mute and de-emphasis control pins are also available.
In software control modes the digital audio interface is highly programmable, with four control interface
addresses to allow multiple WM8523 devices to be configured independently.
SOFTWARE CONTROL INTERFACE
Software Control Mode is selected by logic 1 or 0 on the CIFMODE pin. The logic level is referenced to
the LINEVDD power domain. When software mode is selected, the associated multi-function control
pins are defined as described in Table 6.
PIN NAME
PIN NUMBER
DESCRIPTION
TSSOP
QFN
SDOUT
12
5
I2C Mode - Device Address[1]
SPI Mode - Serial Data Output
SDA
13
6
Serial Data Input
SCLK
14
7
Serial Data Clock
CS
¯ ¯
15
8
I2C Mode - Device Address[0]
SPI Mode - Chip Select
CIFMODE
16
9
Control Interface Mode
0 = I2C Mode
1 = SPI Mode
Z = Hardware Mode
Table 6 Software Control Pin Configuration
In software control mode, the WM8523 is controlled by writing to its control registers. Readback is
available for all registers, including device ID and power management status bits. The control interface
can operate as an I
2C or SPI control interface: register read-back is provided on the bi-directional pin
SDA in I2C mode, and on the SDOUT pin in SPI mode. The WM8523 software control interface is
supplied by the LINEVDD power domain.
The available software control interface modes are summarised as follows:
I2C mode uses pins SCLK and SDA.
SPI mode uses pins CS
¯ ¯ , SCLK and SDA and SDOUT.
I2C mode is selected by setting the CIFMODE pin to logic 0. When CIFMODE is set to logic 1, SPI mode
is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com