Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8523GEFL/V Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8523GEFL/V
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523GEFL/V Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8523GEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
Production Data
WM8523
w
PD, Rev 4.1, August 2011
13
CONTROL INTERFACE TIMING – I
2C MODE
I2C mode is selected by driving the CIFMODE pin low.
Figure 4 Control Interface Timing – I2C Control Mode
Test Conditions
LINEVDD=AVDD=2.97~3.63V, LINEGND=AGND=0V, TA=+25°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Program Register Input Information
SCLK Frequency
400
kHz
SCLK Low Pulse-Width
t1
100
ns
SCLK High Pulse-Width
t2
100
ns
Hold Time (Start Condition)
t3
600
ns
Setup Time (Start Condition)
t4
600
ns
Data Setup Time
t5
100
ns
SDA, SCLK Rise Time
t6
300
ns
SDA, SCLK Fall Time
t7
300
ns
Setup Time (Stop Condition)
t8
600
ns
Data Hold Time
t9
900
ns
Pulse width of spikes that will be suppressed
2
8
ns
Table 3 Control Interface Timing – I2C Control Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com