Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8523GEFL/V Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8523GEFL/V
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523GEFL/V Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8523GEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
Production Data
WM8523
w
PD, Rev 4.1, August 2011
21
DIGITAL AUDIO INTERFACE
The digital audio interface is used for inputting audio data to the WM8523. The digital audio interface
uses three pins:
•
DACDAT: DAC data input
•
LRCLK: Left/Right data alignment clock
•
BCLK: Bit clock, for synchronisation
In software control mode, all interface data formats and modes of operation can be selected. In
hardware control mode, only a subset of formats and modes are supported – see the Hardware Interface
Control section on page 32 for details.
MASTER AND SLAVE MODE OPERATION
The WM8523 digital audio interface can operate as a master or as a slave as shown in Figure 14 and
Figure 15.
Figure 14 Slave Mode
Figure 15 Master Mode
INTERFACE FORMATS
The WM8523 supports five different audio data formats:
•
Left justified
•
Right justified
•
I2S
•
DSP Mode A
•
DSP Mode B
PCM operation is supported using the DSP mode. All seven of these modes are MSB first. They are
described in Audio Data Formats on page 22. Refer to the “Electrical Characteristics” section for timing
information. Refer to Table 10 for interface control format register settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com