Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8523GEFL/V Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8523GEFL/V
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523GEFL/V Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8523GEFL/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
WM8523
Production Data
w
PD, Rev 4.1, August 2011
6
PIN DESCRIPTION – 24-LEAD QFN
PIN NO
NAME
TYPE
DESCRIPTION
1
DACDAT
Digital In
Digital audio interface data input
2
LRCLK
Digital I/O
Digital audio interface left/right clock
3
BCLK
Digital I/O
Digital audio interface bit clock
4
MCLK
Digital In
Master clock
I2C SOFTWARE
MODE
SPI SOFTWARE
MODE
HARDWARE MODE
5
SDOUT/
DEEMPH
Digital I/O
I2C address select
bit[1]
Serial control interface
data output pin
0 – No de-emphasis
1 – De-emphasis
6
SDA/
AIFMODE0
Digital I/O
Serial control interface
data input pin
Serial control interface
data input pin
AIFMODE[1:0]
00 – LJ 24 bits
01 – I2S 24 bits
10 – RJ 16 bits
11 – RJ 24 bits
7
SCLK/
AIFMODE1
Digital I/O
Serial control interface
clock input pin
Serial control interface
clock input pin
8
CS
¯¯ /
MUTE
¯¯¯¯¯
Digital In
I2C address select
bit[0]
Serial control interface
chip select
0 – Mute enabled
1 – Mute disabled
9
CIFMODE
Digital In
Tri-level
0 – I2C compatible
mode select
1 – SPI compatible
mode select
Z – Hardware mode
10
AGND
Supply
Analogue ground
11
AGND
Supply
Analogue ground
12
VMID
Analogue Out
Analogue midrail decoupling pin
13
AVDD
Supply
Analogue supply
14
AVDD
Supply
Analogue supply
15
NC
No Connect
No internal connection
16
LINEVOUTR
Analogue Out
Right line output
17
LINEVOUTL
Analogue Out
Left line output
18
NC
No Connect
No internal connection
19
CPVOUTN
Analogue Out
Charge Pump negative rail decoupling pin
20
CPCB
Analogue Out
Charge Pump fly back capacitor pin
21
LINEGND
Supply
Charge Pump ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com