Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8523GEFL/V Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8523GEFL/V
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523GEFL/V Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8523GEFL/V Datasheet HTML 1Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
Production Data
WM8523
w
PD, Rev 4.1, August 2011
5
PIN DESCRIPTION – 20-LEAD TSSOP
PIN NO
NAME
TYPE
DESCRIPTION
1
LINEVOUTL
Analogue Out
Left line output
2
CPVOUTN
Analogue Out
Charge Pump negative rail decoupling pin
3
CPCB
Analogue Out
Charge Pump fly back capacitor pin
4
LINEGND
Supply
Charge Pump ground
5
CPCA
Analogue Out
Charge Pump fly back capacitor pin
6
LINEVDD
Supply
Charge Pump supply
7
ZFLAG
Digital Out
Zero flag output
8
DACDAT
Digital In
Digital audio interface data input
9
LRCLK
Digital I/O
Digital audio interface left/right clock
10
BCLK
Digital I/O
Digital audio interface bit clock
11
MCLK
Digital In
Master clock
I2C SOFTWARE
MODE
SPI SOFTWARE
MODE
HARDWARE MODE
12
SDOUT/
DEEMPH
Digital I/O
I2C address select
bit[1]
Serial control interface
data output pin
0 – No de-emphasis
1 – De-emphasis
13
SDA/
AIFMODE0
Digital I/O
Internal pull-down
Serial control interface
data input pin
Serial control interface
data input pin
AIFMODE[1:0]
00 – LJ 24 bits
01 – I2S 24 bits
10 – RJ 16 bits
11 – RJ 24 bits
14
SCLK/
AIFMODE1
Digital I/O
Internal pull-down
Serial control interface
clock input pin
Serial control interface
clock input pin
15
CS
¯¯ /
MUTE
¯¯¯¯¯
Digital In
I2C address select
bit[0]
Serial control interface
chip select
0 – Mute enabled
1 – Mute disabled
16
CIFMODE
Digital In
Tri-level
0 – I2C compatible
mode select
1 – SPI compatible
mode select
Z – Hardware mode
17
AGND
Supply
Analogue ground
18
VMID
Analogue Out
Analogue midrail decoupling pin
19
AVDD
Supply
Analogue supply
20
LINEVOUTR
Analogue Out
Right line output
Note: Tri-level pins which require the ‘Z’ state to be selected should be left floating (open)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com