Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8523GEFL/V Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8523GEFL/V
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523GEFL/V Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8523GEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
Production Data
WM8523
w
PD, Rev 4.1, August 2011
29
VOLUME CHANGE MODES
Volume can be adjusted by step change (either using zero cross or not) or by soft ramp. The volume
change mode is controlled by the DAC_VOL_DOWN_RAMP and DAC_VOL_UP_RAMP bits in R5:
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5
DAC_CTRL3
05h
0
DAC_VOL
_DOWN_
RAMP
1
DAC Digital Volume Decrease Control
0 = apply volume decreases instantly (step)
1 = ramp volume decreases
1
DAC_VOL
_UP_
RAMP
0
DAC Digital Volume Increase Control
0 = apply volume increases instantly (step)
1 = ramp volume increases
Table 14 Volume Ramp Control
Figure 24 illustrates the effect of the volume ramp:
Figure 24 Volume Ramp Functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com