Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8523GEFL/V Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8523GEFL/V
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523GEFL/V Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8523GEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
Production Data
WM8523
w
PD, Rev 4.1, August 2011
27
DAC FEATURES
SYSTEM ENABLE
The WM8523 includes a number of enable and disable mechanisms to allow the device to be powered
on and off in a pop-free manner. The SYS_ENA[1:0] control bits enable the DAC and analogue paths.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2
PSCTRL1
02h
1:0
SYS_
ENA[1:0]
00
System Power Control
00 = Off
01 = Power down
10 = Power up and mute
11 = Power up and unmute
Table 12 System Enable Control
Note: MCLK must be present at all times when using the SYS_ENA[1:0] bits. If MCLK is stopped at any
point the device will power down to the ‘off’ state, but all register settings will remain. Restarting MCLK
will start the device internal power sequence and the device will return to the power state set by the
SYS_ENA[1:0] bits.
The power up and power down sequences are summarised in Figure 23. There is no requirement to
manually cycle the device through the sequence via register writes, as the device will always
automatically step through each stage in the sequence.
Power Up
When SYS_ENA[1:0]=00, the internal clocks are stopped and all analogue and digital blocks are
disabled for maximum power saving. The device starts up in this state in software mode. Setting
SYS_ENA[1:0]=01 enables the internal charge pump and required control circuitry, but the signal path
remains powered down. When SYS_ENA[1:0]=10 all blocks are powered up sequentially and full system
configuration is achieved. Once this is complete, the device is ready to pass audio but is muted. Setting
SYS_ENA[1:0]=11 releases the mute and audio playback begins.
Power Down
When SYS_ENA[1:0]=11 the device is powered up and passing audio. Changing SYS_ENA[1:0]=10
applies a digital softmute to the output. Setting SYS_ENA[1:0]=01 sequentially powers down all circuit
blocks but leaves the charge pump and required control circuitry enabled. This can be considered the
low-power standby state. Finally, setting SYS_ENA[1:0]=00 will disable all circuit blocks including the
charge pump, and full system initialisation will be required to restart the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com