Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8523GEFL/V Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8523GEFL/V
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523GEFL/V Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8523GEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
WM8523
Production Data
w
PD, Rev 4.1, August 2011
12
AUDIO INTERFACE TIMING – SLAVE MODE
Figure 3 Digital Audio Data Timing – Slave Mode
Test Conditions
LINEVDD=AVDD=2.97~3.63V, LINEGND=AGND=0V, TA=+25
°C, Slave Mode
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
BCLK cycle time
tBCY
27
ns
BCLK pulse width high
tBCH
11
ns
BCLK pulse width low
tBCL
11
ns
LRCLK set-up time to BCLK rising edge
tLRSU
7
ns
LRCLK hold time from BCLK rising edge
tLRH
5
ns
DACDAT hold time from LRCLK rising edge
tDH
5
ns
DACDAT set-up time to BCLK rising edge
tDS
7
ns
Table 2 Slave Mode Audio Interface Timing
Note:
BCLK period should always be greater than or equal to MCLK period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com