Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8523GEFL/V Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8523GEFL/V
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523GEFL/V Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8523GEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
Production Data
WM8523
w
PD, Rev 4.1, August 2011
23
In DSP mode, the left channel MSB is available on either the 1st (mode B) or 2nd (mode A) rising edge of
BCLK (selectable by AIF_LRCLK_INV) following a rising edge of LRCLK.
Right channel data
immediately follows left channel data. Depending on word length, BCLK frequency and sample rate,
there may be unused BCLK cycles between the LSB of the right channel data and the next sample.
In device master mode, the LRCLK output will resemble the frame pulse shown in Figure 19 and Figure
20. In device slave mode, Figure 21 and Figure 22, it is possible to use any length of frame pulse less
than 1/fs, providing the falling edge of the frame pulse occurs greater than one BCLK period before the
rising edge of the next frame pulse.
Figure 19 DSP Mode Audio Interface (mode A, AIF_LRCLK_INV=0, Master)
Figure 20 DSP Mode Audio Interface (mode B, AIF_LRCLK_INV=1, Master)
Figure 21 DSP Mode Audio Interface (mode A, AIF_LRCLK_INV=0, Slave)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com