Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9108NL Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9108NL
Description  9W Stereo Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9108NL Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9108NL Datasheet HTML 1Page - Richtek Technology Corporation RT9108NL Datasheet HTML 2Page - Richtek Technology Corporation RT9108NL Datasheet HTML 3Page - Richtek Technology Corporation RT9108NL Datasheet HTML 4Page - Richtek Technology Corporation RT9108NL Datasheet HTML 5Page - Richtek Technology Corporation RT9108NL Datasheet HTML 6Page - Richtek Technology Corporation RT9108NL Datasheet HTML 7Page - Richtek Technology Corporation RT9108NL Datasheet HTML 8Page - Richtek Technology Corporation RT9108NL Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RT9108NL
4
DS9108NL-01
June 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Operation
The RT9108NL is a 9W (per channel) efficient Class-D
audio power amplifier for driving bridged-tied stereo
speakers. The RT9108NL uses the three-level modulation
scheme (BD model) that allows operation without the
classic LC reconstruction filter when the amplifier drives
is driving an inductive load. The internal close-loop
modulator enables the negative error feedback, which
improves the THD+N of output signal.
An adjustable power limiter is included in the modulator
to protect the load speaker. The adjustable power limiter
allows the user to set a
“virtual” voltage rail lower than
the chip supply to limit the amount of current through the
speaker.
RT9108NL has protection from over current conditions
caused by a short circuit on the output stage. The short
circuit protection fault is reported on the FAULT pin as a
low state. The amplifier outputs are switched to a Hi-Z
state when the short circuit protection latch is engaged.
The latch can be cleared by cycling the SD pin through
the low state. If automatic recovery from the short circuit
protection latch is desired, connect the FAULT pin directly
to the SD pin. This allows the FAULT pin function to
automatically drive the SD pin low which clears the short-
circuit protection latch.
The RT9108NL can drive stereo speakers as low as 4
Ω.
The high efficiency of the RT9108NL, 88%, eliminates the
need for an external heat sink when playing music.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com