Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9108NL Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9108NL
Description  9W Stereo Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9108NL Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9108NL Datasheet HTML 1Page - Richtek Technology Corporation RT9108NL Datasheet HTML 2Page - Richtek Technology Corporation RT9108NL Datasheet HTML 3Page - Richtek Technology Corporation RT9108NL Datasheet HTML 4Page - Richtek Technology Corporation RT9108NL Datasheet HTML 5Page - Richtek Technology Corporation RT9108NL Datasheet HTML 6Page - Richtek Technology Corporation RT9108NL Datasheet HTML 7Page - Richtek Technology Corporation RT9108NL Datasheet HTML 8Page - Richtek Technology Corporation RT9108NL Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT9108NL
®
DS9108NL-01
June 2012
www.richtek.com
1
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin Configurations
(TOP VIEW)
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
TSSOP-28 (Exposed Pad)
9W Stereo Class-D Audio Power Amplifier
General Description
The RT9108NL is a high efficiency Class D stereo audio
amplifier for driving Bridge Tied Load (BTL) speakers. The
RT9108NL can drive stereo speakers with load as low as
4
Ω. Its high efficiency eliminates the need for an extra
heat sink when playing music. The gain of the amplifier
can be controlled by two gain select pins. The outputs
are fully protected against shorts to GND, PVCC, and
output to output with an auto recovery feature and
monitored output.
Features
8V to 16V Input Supply Range
9W/CH into an 8
Ω
Ω
Ω
Ω
Ω Load from 12V Supply at 10%
THD+N
88% Efficiency Eliminates Need for Heat Sinks
Four Selectable or Fixed Gain Settings
Robust Pin-to-Pin Short Circuit Protection
Thermal Protection with Auto Recovery Option
Surface Mount TSSOP-28 (Exposed Pad) Package
RoHS Compliant and Halogen Free
Applications
LCD-TV
Monitors
DVD Players
Marking Information
6
7
8
9
10
11
12
13
14
4
5
2
3
21
22
23
18
19
20
16
15
17
24
25
26
27
28
SD
FAULT
LINP
LINN
PGND
OUTPL
BSPL
PVCCL
GAIN0
GAIN1
OUTNL
NC
AVCC
AGND
GVDD
PLIMIT
RINN
RINP
OUTPR
PGND
OUTNR
BSNL
BSPR
BSNR
NC
MUTE
NC
PVCCR
AGND
29
RT9108NLZCP : Product Number
YMDNN : Date Code
RT9108NL
ZCPYMDNN
Simplified Application Circuit
FB
FB
FB
FB
BSPL
OUTPL
PGND
OUTNL
BSNL
BSNR
OUTNR
PGND
OUTPR
BSPR
RT9108NL
PVCC
GAIN0
GAIN1
Audio
Source
LINP
GAIN0
GAIN1
RINP
PVCCx
AGND
RT9108NL
Package Type
CP : TSSOP-28 (Exposed Pad-Option 3)
Lead Plating System
Z : ECO (Ecological Element with
Halogen Free and Pb free)


Similar Part No. - RT9108NL

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9108N RICHTEK-RT9108N Datasheet
982Kb / 14P
15W Stereo Class-D Audio Power Amplifier
RT9108NB RICHTEK-RT9108NB Datasheet
1Mb / 15P
15W Stereo Class-D Audio Power Amplifier
April 2013
RT9108NBGCP RICHTEK-RT9108NBGCP Datasheet
1Mb / 15P
15W Stereo Class-D Audio Power Amplifier
April 2013
More results

Similar Description - RT9108NL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2118 ISSI-IS31AP2118 Datasheet
310Kb / 9P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Richtek Technology Corp...
RT9108N RICHTEK-RT9108N Datasheet
982Kb / 14P
15W Stereo Class-D Audio Power Amplifier
logo
Power Analog Micoelectr...
PAM8006 PAM-PAM8006 Datasheet
712Kb / 15P
10W Stereo Class-D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2600 ANPEC-APA2600 Datasheet
490Kb / 22P
2.8W Stereo Class-D Audio Power Amplifier
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
2.5W Stereo Class-D Audio Power Amplifier
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
8W Stereo Class-D Audio Power Amplifier
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
15W Stereo Class-D Audio Power Amplifier
APA3002 ANPEC-APA3002 Datasheet
587Kb / 29P
12W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
15W Stereo Class-D Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2410 AITSEMI-A2410 Datasheet
1Mb / 11P
AUDIO AMPLIFIER 10W STEREO CLASS-D AUDIO POWER AMPLIFIER
REV2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com