Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9108NL Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT9108NL
Description  9W Stereo Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9108NL Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT9108NL Datasheet HTML 5Page - Richtek Technology Corporation RT9108NL Datasheet HTML 6Page - Richtek Technology Corporation RT9108NL Datasheet HTML 7Page - Richtek Technology Corporation RT9108NL Datasheet HTML 8Page - Richtek Technology Corporation RT9108NL Datasheet HTML 9Page - Richtek Technology Corporation RT9108NL Datasheet HTML 10Page - Richtek Technology Corporation RT9108NL Datasheet HTML 11Page - Richtek Technology Corporation RT9108NL Datasheet HTML 12Page - Richtek Technology Corporation RT9108NL Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
RT9108NL
12
DS9108NL-01
June 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Layout Considerations
For the best performance of the RT9108NL, the below
PCB Layout guidelines must be strictly followed.
Place the decoupling capacitors as close as possible
to the AVCC, PVCCL, PVCCR and GND pins. For
achieving a good quality, consider adding a small, good
performance low ESR ceramic capacitor between 220
pF and 1000pF and a larger mid-frequency capacitor
between 0.1
μF and 1μF to the PVCC pins of the chip.
Do not trace out the NC pins (Pin13, 16 and Pin27) to
avoid the pin short issue.
6
7
8
9
10
11
12
13
14
4
5
2
3
21
22
23
18
19
20
16
15
17
24
25
26
27
28
SD
FAULT
LINP
LINN
PGND
OUTPL
BSPL
PVCCL
GAIN0
GAIN1
OUTNL
NC
AVCC
AGND
GVDD
PLIMIT
RINN
RINP
OUTPR
PGND
OUTNR
BSNL
BSPR
BSNR
NC
MUTE
NC
PVCCR
AGND
29
CS
PVCC
CIN
Audio
Input
CIN
Audio
Input
GND
The decoupling
capacitor (CS)
must be placed
as close to the
IC as possible
CG
CB
CS
GND
CS
GND
CB
CB
FB
FB
FB
FB
GND
GND
Do not
trace out
The decoupling
capacitor (CS)
must be placed
as close to the
IC as possible
Do not
trace out
The decoupling
capacitor (CS)
must be placed
as close to the
IC as possible
Figure 4. PCB Layout Guide
Keep the differential output traces as wide and short as
possible.
The traces of (LINP & LINN, RINP & RINN) and (OUTPL
& OUTNL, OUTPR & OUTNR) should be kept equal width
and length respectively.
The thermal pad must be soldered to the PCB for proper
thermal performance and optimal reliability. The
dimensions of the thermal pad and thermal land should
be larger for application. The vias should connect to a
solid copper plane, either on an internal layer or on the
bottom layer of the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com