Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9108NL Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9108NL
Description  9W Stereo Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9108NL Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9108NL Datasheet HTML 1Page - Richtek Technology Corporation RT9108NL Datasheet HTML 2Page - Richtek Technology Corporation RT9108NL Datasheet HTML 3Page - Richtek Technology Corporation RT9108NL Datasheet HTML 4Page - Richtek Technology Corporation RT9108NL Datasheet HTML 5Page - Richtek Technology Corporation RT9108NL Datasheet HTML 6Page - Richtek Technology Corporation RT9108NL Datasheet HTML 7Page - Richtek Technology Corporation RT9108NL Datasheet HTML 8Page - Richtek Technology Corporation RT9108NL Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
RT9108NL
5
DS9108NL-01
June 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Logic-High
VIH
3
--
--
SD, GAIN0,
GAIN1, MUTE
Input Voltage
Logic-Low
VIL
--
--
0.8
V
Low Level Output Voltage
VOL
FAULT, RPULL-UP = 100kΩ
--
--
0.8
V
High Level Input Current
IIH
SD, GAIN0, GAIN1, MUTE, VI = 3V
--
--
50
μA
Low Level Input Current
IIL
SD, GAIN0, GAIN1, MUTE, VI = 0.8V
--
--
10
μA
Class-D Output Offset Voltage
(measured differentially)
|VOS|
VI = 0V, Gain = 36dB
--
5
30
mV
Quiescent Supply Current
IQ
VSD = 3V, no load
--
20
50
mA
Quiescent Supply Current in
Shutdown Mode
IQ_SD
VSD = 0.8V, no load
--
250
400
μA
High Side
--
250
--
Drain-Source On-State
Resistance
RDS(ON)
IO = 500mA, TJ =
25
°C
Low Side
--
250
--
m
Ω
VGAIN0 = 0.8V
19
20
21
VGAIN1 = 0.8V
VGAIN0 = 3V
25
26
27
VGAIN0 = 0.8V
31
32
33
Gain
G
VGAIN1 = 3V
VGAIN0 = 3V
35
36
37
dB
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, PVCC ------------------------------------------------------------------------------- 8V to 16V
Junction Temperature Range -------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range -------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, PVCCL, PVCCR, AVCC -------------------------------------------------------
−0.3V to 22V
Input Voltage, SD, GAIN0, GAIN1, FAULT --------------------------------------------------------------
−0.3V to (AVCC + 0.3V)
Output Voltage, OUTPR, OUTPL, OUTNR, OUTNL --------------------------------------------------
−0.3V to (PVCCx + 0.3V)
Bootstrap Voltage, BSPR, BSPL, BSNR, BSNL -----------------------------------------------------
−0.3V to (PVCCx +GVDD)
Other Pins ------------------------------------------------------------------------------------------------------
−0.3V to (GVDD + 0.3V)
Power Dissipation, PD @ TA = 25
°C
TSSOP-28 (Exposed pad) ---------------------------------------------------------------------------------- 3.571W
Package Thermal Resistance (Note 2)
TSSOP-28 (Exposed pad),
θJA ---------------------------------------------------------------------------- 28°C/W
TSSOP-28 (Exposed pad),
θJC --------------------------------------------------------------------------- 7°C/W
Junction Temperature ---------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------ 260
°C
Storage Temperature Range -------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) --------------------------------------------------------------------------------- 2kV
MM (Machine Model) ---------------------------------------------------------------------------------------- 200V
(PVCCx = 12V, RL = 8
Ω, TA = 25°C, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com