Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9108NL Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9108NL
Description  9W Stereo Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9108NL Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9108NL Datasheet HTML 3Page - Richtek Technology Corporation RT9108NL Datasheet HTML 4Page - Richtek Technology Corporation RT9108NL Datasheet HTML 5Page - Richtek Technology Corporation RT9108NL Datasheet HTML 6Page - Richtek Technology Corporation RT9108NL Datasheet HTML 7Page - Richtek Technology Corporation RT9108NL Datasheet HTML 8Page - Richtek Technology Corporation RT9108NL Datasheet HTML 9Page - Richtek Technology Corporation RT9108NL Datasheet HTML 10Page - Richtek Technology Corporation RT9108NL Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
RT9108NL
7
DS9108NL-01
June 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Figure 1. Typical Application Circuit
Figure 2. Typical LC Output Filter
PVCC
PVCCL
28
0.1µF
1nF
100µF
FB
FB
FB
FB
PVCC
0.1µF
100µF
1nF
26
25
24
23
22
21
20
19
18
17
15
BSPL
OUTPL
PGND
OUTNL
BSNL
BSNR
OUTNR
PGND
OUTPR
BSPR
PVCCR
1nF
1nF
1nF
1nF
RT9108NL
PVCC
GAIN0
GAIN1
1µF
PVCC
1µF
0.22µF
0.22µF
0.22µF
0.22µF
Audio
Source
SD
MUTE
SD
FAULT
LINP
LINN
GAIN0
GAIN1
AVCC
AGND
GVDD
RINN
RINP
MUTE
10
100k
1k
14
12
11
9
8,
29 (Exposed Pad)
7
6
5
4
3
2
1
0.22µF
0.22µF
0.22µF
0.22µF
PLIMIT
10
PVCC
PVCCL
28
0.1µF
1nF
100µF
PVCC
0.1µF
100µF
1nF
26
25
24
23
22
21
20
19
18
17
15
BSPL
OUTPL
PGND
OUTNL
BSNL
BSNR
OUTNR
PGND
OUTPR
BSPR
PVCCR
0.47µF
RT9108NL
PVCC
GAIN0
GAIN1
1µF
PVCC
1µF
0.22µF
0.22µF
0.22µF
0.22µF
Audio
Source
SD
MUTE
SD
FAULT
LINP
LINN
GAIN0
GAIN1
AVCC
AGND
GVDD
RINN
RINP
MUTE
10
100k
1k
14
12
11
9
8,
29 (Exposed Pad)
7
6
5
4
3
2
1
0.22µF
0.22µF
0.22µF
0.22µF
PLIMIT
10
0.47µF
0.47µF
0.47µF
22µH
22µH
22µH
22µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com