Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9108NL Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9108NL
Description  9W Stereo Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9108NL Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9108NL Datasheet HTML 1Page - Richtek Technology Corporation RT9108NL Datasheet HTML 2Page - Richtek Technology Corporation RT9108NL Datasheet HTML 3Page - Richtek Technology Corporation RT9108NL Datasheet HTML 4Page - Richtek Technology Corporation RT9108NL Datasheet HTML 5Page - Richtek Technology Corporation RT9108NL Datasheet HTML 6Page - Richtek Technology Corporation RT9108NL Datasheet HTML 7Page - Richtek Technology Corporation RT9108NL Datasheet HTML 8Page - Richtek Technology Corporation RT9108NL Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT9108NL
2
DS9108NL-01
June 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
SD
Shutdown Logic Input for Audio Amp (High = outputs enabled). TTL logic levels
with compliance to AVCC.
2
FAULT
Open Drain Output used to Display Short Circuit Fault Status. Voltage compliant
to AVCC. Short circuit faults can be set to auto recovery by connecting FAULT pin
to SD pin.
3
LINP
Positive Audio Input for Left Channel. Biased at 2V.
4
LINN
Negative Audio Input for Left Channel. Biased at 2V.
5
GAIN0
Gain Select Least Significant Bit.
6
GAIN1
Gain Select Most Significant Bit.
7
AVCC
Analog Supply Input.
8,
29 (Exposed Pad)
AGND
Analog Ground. Connect to the thermal pad. The exposed pad must be soldered
to a large PCB and connected to AGND for maximum power dissipation.
9
GVDD
High Side FET Gate Drive Supply. Nominal voltage is 4.6V.
10
PLIMIT
Power Limit Level Adjustment.
11
RINN
Negative Audio Input for Right Channel. Biased at 2V.
12
RINP
Positive Audio Input for Right Channel. Biased at 2V.
13, 16, 27
NC
No Internal Connection.
14
MUTE
Mute Logic Input for Audio Amp (Low = outputs enabled).
15
PVCCR
Power Supply Input for Right Channel H-Bridge. Right channel and left channel
power supply inputs are connected internally.
17
BSPR
Bootstrap I/O for Right Channel. Positive high side FET.
18
OUTPR
Class-D H-Bridge Positive Output for Right Channel.
19, 24
PGND
Power Ground for H-Bridges.
20
OUTNR
Class-D H-Bridge Negative Output for Right Channel.
21
BSNR
Bootstrap I/O for Right Channel. Negative high side FET.
22
BSNL
Bootstrap I/O for Left Channel. Negative high side FET.
23
OUTNL
Class-D H-Bridge Negative Output for Left Channel.
25
OUTPL
Class-D H-Bridge Positive Output for Left Channel.
26
BSPL
Bootstrap I/O for Left Channel. Positive high side FET.
28
PVCCL
Power Supply Input for Left Channel H-Bridge. Right channel and left channel
power supply inputs are connected internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com