Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9108NL Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9108NL
Description  9W Stereo Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9108NL Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9108NL Datasheet HTML 4Page - Richtek Technology Corporation RT9108NL Datasheet HTML 5Page - Richtek Technology Corporation RT9108NL Datasheet HTML 6Page - Richtek Technology Corporation RT9108NL Datasheet HTML 7Page - Richtek Technology Corporation RT9108NL Datasheet HTML 8Page - Richtek Technology Corporation RT9108NL Datasheet HTML 9Page - Richtek Technology Corporation RT9108NL Datasheet HTML 10Page - Richtek Technology Corporation RT9108NL Datasheet HTML 11Page - Richtek Technology Corporation RT9108NL Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
RT9108NL
8
DS9108NL-01
June 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
THD+N vs. Output Power
Output Power (W)
PVCC = 12V, RL = 8
Ω, Gain = 20dB
20
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
0.005
0.002
0.001
1kHz
10kHz
20Hz
10m 20m 50m 100m 200m
1
2
5
10
20
Efficiency vs. Output Power
0
10
20
30
40
50
60
70
80
90
100
01
23
45
67
89
10
Output Power (W)
PVCC = 12V, f = 1kHz, Gain = 20dB
ZL = 8
Ω, LC Filter = 22μH + 0.47μF,
Efficiency vs. Output Power
0
10
20
30
40
50
60
70
80
90
100
01
23
456
78
9
10
Output Power (W)
PVCC = 12V, f = 1kHz, Gain = 20dB
ZL = 4
Ω, LC Filter = 22μH + 0.47μF,
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
0.005
0.002
0.001
THD+N vs. Frequency
Frequency (Hz)
PVCC = 12V, RL = 8
Ω, Gain = 20dB
20
50
100 200
500 1k
2k
5k
10k 20k
7W
0.5W
1W
20
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
0.005
0.002
0.001
10m 20m 50m 100m 200m
1
2
5
10
20
THD+N vs. Output Power
Output Power (W)
PVCC = 12V, RL = 4
Ω, Gain = 20dB
1kHz
10kHz
20Hz
THD+N vs. Frequency
Frequency (Hz)
PVCC = 12V, RL = 4
Ω, Gain = 20dB
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
0.005
0.002
0.001
20
50
100 200
500 1k
2k
5k
10k 20k
5W
10W
1W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com