Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9108NL Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9108NL
Description  9W Stereo Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9108NL Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9108NL Datasheet HTML 5Page - Richtek Technology Corporation RT9108NL Datasheet HTML 6Page - Richtek Technology Corporation RT9108NL Datasheet HTML 7Page - Richtek Technology Corporation RT9108NL Datasheet HTML 8Page - Richtek Technology Corporation RT9108NL Datasheet HTML 9Page - Richtek Technology Corporation RT9108NL Datasheet HTML 10Page - Richtek Technology Corporation RT9108NL Datasheet HTML 11Page - Richtek Technology Corporation RT9108NL Datasheet HTML 12Page - Richtek Technology Corporation RT9108NL Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
RT9108NL
11
DS9108NL-01
June 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 3. Derating Curve of Maximum Power Dissipation
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
0
25
50
75
100
125
Ambient Temperature (°C)
Single-Layer PCB
Short Circuit Protection and Automatic Recovery
The RT9108NL has protection from over current conditions
caused by a short circuit on the output stage. The short
circuit protection fault is reported on the FAULT pin as a
low state. The amplifier outputs are switched to a Hi-Z
state when the short circuit protection latch is engaged.
The latch can be cleared by cycling the SD pin through
the low state.
If automatic recovery from the short circuit protection latch
is desired, connect the FAULT pin directly to the SD pin.
This allows the FAULT pin function to automatically drive
the SD pin low which clears the short-circuit protection
latch.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TAis
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
Thermal Protection
Thermal protection on the RT9108NL prevents damage
to the device when the internal die temperature exceeds
150
°C. There is a ±15°C tolerance on this trip point from
device to device. Once the die temperature exceeds the
thermal set point, the device enters shutdown state and
the outputs are disabled. This is not a latched fault. The
thermal fault is cleared once the temperature of the die is
reduced by 15
°C. The device begins normal operation at
this point with no external system interaction.
Thermal protection faults are NOT reported on the FAULT
terminal.
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance,
θJA, is layout dependent. For
TSSOP-28 (Exposed Pad) package, the thermal
resistance,
θJA, is 28°C/W on a standard JEDEC 51-3
single-layer thermal test board. The maximum power
dissipation at TA= 25
°C can be calculated by the following
formula :
PD(MAX) = (125
°C − 25°C) / (28°C/W) = 3.571W for
TSSOP-28 (Exposed Pad) package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ (MAX) and thermal
resistance,
θJA. The derating curve in Figure 3 allows the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com