Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9108NL Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9108NL
Description  9W Stereo Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9108NL Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9108NL Datasheet HTML 5Page - Richtek Technology Corporation RT9108NL Datasheet HTML 6Page - Richtek Technology Corporation RT9108NL Datasheet HTML 7Page - Richtek Technology Corporation RT9108NL Datasheet HTML 8Page - Richtek Technology Corporation RT9108NL Datasheet HTML 9Page - Richtek Technology Corporation RT9108NL Datasheet HTML 10Page - Richtek Technology Corporation RT9108NL Datasheet HTML 11Page - Richtek Technology Corporation RT9108NL Datasheet HTML 12Page - Richtek Technology Corporation RT9108NL Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
RT9108NL
10
DS9108NL-01
June 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
Amplifier Gain Setting
The gain of the RT9108NL amplifier can be set by two
input terminals, GAIN0 and GAIN1, shown as Table 1.
The gain setting is realized by changing the taps on the
input resistors and feedback resistors inside the amplifier.
This causes the input impedance (Z
I) to be dependent on
the gain setting. The actual gain settings are controlled
by the ratios of the resistors, so the gain variation from
part-to-part is small. However, the input impedance from
part-to-part at the same gain may shift by ±20% due to
shifts in the actual resistance of the input resistor.
Amplifier
GAIN (dB)
Input Impedance
(
Ω)
GAIN1
GAIN0
Typ
Typ
0
0
20
100k
0
1
26
50k
1
0
32
25k
1
1
36
12.5k
Table 1. Gain Setting
()
×
×
2
L
PVCC
Output Power =
Width_Factor
R1.35
PLIMIT Voltage (V)
Width_Factor
4.6 (GVDD)
1
2.7 to 2.9
0.765
2.3 to 2.5
0.578
1.9 to 2.1
0.410
1.6 to 1.7
0.265
1.2 to 1.3
0.149
Table 2. PLIMIT Width Limit
PVCC = 12V,
VIN = 1.5VRMS ,RL=8Ω
Gain = 20dB
Gain = 26dB
Gain = 32dB
Gain = 36dB
PLIMIT Voltage (V)
Output Power (W)
Output Power (W)
Output Power (W)
Output Power (W)
4.6 (GVDD)
11.6
13.3
14
14.3
2.7 to 2.9
9.13
10.2
10.7
10.8
2.3 to 2.5
7.01
7.67
7.95
8.2
1.9 to 2.1
5.07
5.36
5.47
5.6
1.6 to 1.7
3.36
3.43
3.55
3.6
1.2 to 1.3
1.95
1.97
1.98
2
Table 3. Typical PLIMIT Operation at 12V Power Supply
For the best power off pop performance, tarn off the
amplifier in the shutdown mode prior to removing the power
supply voltage.
GVDD Supply
The GVDD Supply is used to supply the gate drivers for
the output full bridge transistors. Connect a 1
μF capacitor
from this pin to ground. The typical GVDD output voltage
is 4.6V.
Power LIMIT
The voltage at pin 10 can used to limit the power to levels
below the supply rail. Add a resistor divider from GVDD to
ground to set the voltage at the PLIMLT pin. An external
reference may also be used if tighter tolerance is required.
Also add a 1
μF capacitor from pin 10 to ground.
There are five steps to sets a limit on the output peak-to-
peak voltage. The limiting is done by limiting the duty
cycle to fixed maximum value. PLIMIT pin directly connect
to GVDD for no power limit.
SD Operation
The RT9108NL employs a shutdown mode operation
designed to reduce supply current (ICC) to the absolute
minimum level for power saring. The SD input terminal
should be held high (see specification table for trip point)
in normal operation. Pulling SD low causes the outputs
to mute and the amplifier to enter a low current state.
Leaving SD floating will cause the, amplifier operation to
be unpredictable. Never leave SD pin unconnected!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com