Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9108NL Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9108NL
Description  9W Stereo Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9108NL Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9108NL Datasheet HTML 2Page - Richtek Technology Corporation RT9108NL Datasheet HTML 3Page - Richtek Technology Corporation RT9108NL Datasheet HTML 4Page - Richtek Technology Corporation RT9108NL Datasheet HTML 5Page - Richtek Technology Corporation RT9108NL Datasheet HTML 6Page - Richtek Technology Corporation RT9108NL Datasheet HTML 7Page - Richtek Technology Corporation RT9108NL Datasheet HTML 8Page - Richtek Technology Corporation RT9108NL Datasheet HTML 9Page - Richtek Technology Corporation RT9108NL Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
RT9108NL
6
DS9108NL-01
June 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1. Stresses beyond those listed
“Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a low effective thermal conductivity single-layer test board per JEDEC 51-3. θJC is
measured at the exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
PVCC Over Voltage
Lockout
PVCC_OV
--
18
--
V
Turn-On Time
tON
VSD = 3V
--
50
--
ms
Turn-Off Time
tOFF
VSD = 0.8V
--
2
--
ms
Gate Drive Supply
VGVDD
IGVDD = 2mA
4.2
4.6
5
V
Power Supply Ripple
Rejection
PSRR
200mVPP ripple at 1kHz, Gain = 20dB,
Inputs ac-coupled to AGND
--
−60
--
dB
Continuous Output Power
PO
THD + N = 10%, fIN = 1kHz, PVCC = 13V
--
10
--
W
Total Harmonic Distortion +
Noise
THD + N
fIN = 1kHz, PO = 7.5W (half-power),
RL = 8Ω
--
0.15
--
%
--
120
--
μV
Output Integrated Noise
VN
20Hz to 22kHz, A-weighted filter,
Gain = 20dB
--
−80
--
dBV
Crosstalk
VO = 1VRMS, Gain = 20dB, fIN = 1kHz
--
−80
--
dB
Signal-to-Noise Ratio
SNR
Maximum output at THD + N < 1%,
fIN = 1kHz, Gain = 20dB, A-weighted
filter
--
95
--
dB
Oscillator Frequency
fOSC
220
300
380
kHz
Thermal Trip Point
TSD
--
150
--
°C
Thermal Hysteresis
ΔT
SD
--
15
--
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com