Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R150-F Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # RL1632R-R150-F
Description  Constant-Current 3-Ampere PWM Dimmable Buck Regulator LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

RL1632R-R150-F Datasheet(HTML) 4 Page - Allegro MicroSystems

  RL1632R-R150-F Datasheet HTML 1Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 2Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 3Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 4Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 5Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 6Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 7Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 8Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Constant-Current 3-Ampere PWM Dimmable
Buck Regulator LED Driver
A6211
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ELECTRICAL CHARACTERISTICS Valid at VIN = 24 V, for TA = –40°C to 105°C, typical values at TA = 25°C; unless
otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Input Supply Voltage
VIN
TA = 25°C
6
48
V
VIN Undervoltage Lockout Threshold
VUVLO
VIN increasing
5.3
V
VIN Undervoltage Lockout Hysteresis
VUVLO_HYS VIN decreasing
150
mV
VIN Pin Supply Current
IIN
VCS = 0.5 V, EN = high
5
mA
VIN Pin Shutdown Current
IINSD
EN shorted to GND
1
10
μA
BOOT Switch Current Limit Threshold
ISWLIM
3.0
4.0
5.0
A
Buck Switch On-Resistance
R
DS(on)
VBOOT = VIN + 4.3 V, TA = 25°C, ISW = 1 A
0.25
0.4
Ω
BOOT Undervoltage Lockout Threshold VBOOTUV VBOOT to VSW increasing
1.7
2.9
4.3
V
BOOT Undervoltage Lockout Hysteresis VBOTUVHYS VBOOT to VSW decreasing
370
mV
Switching Minimum Off-Time
tOFFmin
VCS = 0 V
110
150
ns
Switching Minimum On-TIme
tONmin
110
150
ns
Selected On-Time
tON
VIN = 24 V, VOUT = 12 V, RON = 137 kΩ
800
1000
1200
ns
Regulation Comparator and Error Amplifier
Load Current Sense Regulation
Threshold
VCSREG
VCS decreasing, SW turns on
187.5
200
210
mV
Load Current Sense Bias Current
ICSBIAS
VCS = 0.2 V, EN = low
0.9
μA
Internal Linear Regulator
VCC Regulated Output
VCC
0 mA < ICC < 5 mA, VIN > 6 V
5.0
5.3
5.6
V
VCC Current Limit*
ICCLIM
VIN = 24 V, VCC = 0 V
5
20
mA
Enable Input
Logic High Voltage
VIH
VEN increasing
1.8
V
Logic Low Voltage
VIL
VEN decreasing
0.4
V
EN Pin Pull-down Resistance
RENPD
VEN = 5 V
100
Maximum PWM Dimming Off-Time
tPWML
Measured while EN = low, during dimming
control, and internal references are powered-on
(exceeding tPWML results in shutdown)
10
17
ms
Thermal Shutdown
Thermal Shutdown Threshold
TSD
165
°C
Thermal Shutdown Hysteresis
TSDHYS
–25–°C
*The internal linear regulator is not designed to drive an external load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com