Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R150-F Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # RL1632R-R150-F
Description  Constant-Current 3-Ampere PWM Dimmable Buck Regulator LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

RL1632R-R150-F Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button RL1632R-R150-F Datasheet HTML 6Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 7Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 8Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 9Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 10Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 11Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 12Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 13Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Constant-Current 3-Ampere PWM Dimmable
Buck Regulator LED Driver
A6211
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Thermal Budgeting
The A6211 is capable of supplying a 3 A current through its
high-side switch. However, depending on the duty cycle, the
conduction loss in the high-side switch may cause the package to
overheat. Therefore care must be taken to ensure the total power
loss of package is within budget. For example, if the maximum
temperature rise allowed is ∆T = 50 K at the device case surface,
then the maximum power dissipation of the IC is 1.4 W. Assum-
ing the maximum RDS(on) = 0.4 Ω and a duty cycle of 85%, then
the maximum LED current is limited to 2 A approximately. At a
lower duty cycle, the LED current can be higher.
Fault Handling
The A6211 is designed to handle the following faults:
• Pin-to-ground short
• Pin-to-neighboring pin short
• Pin open
• External component open or short
• Output short to GND
The waveform in figure 10 illustrates how the A6211 responds
in the case in which the current sense resistor or the CS pin is
shorted to GND. Note that the SW pin overcurrent protection is
tripped at around 3.75 A, and the part shuts down immediately.
The part then goes through startup retry after approximately
380 μs of cool-down period.
Component Selections
The inductor is often the most critical component in a buck con-
verter. Follow the procedure below to derive the correct param-
eters for the inductor:
1. Determine the saturation current of the inductor. This can be
done by simply adding 20% to the average LED current:
iSAT ≥ iLED × 1.2 .
2. Determine the ripple current amplitude (peak-to-peak value).As
a general rule, ripple current should be kept between 10% and
30% of the average LED current:
0.1 < iRIPPLE(pk-pk) / iLED < 0.3 .
3. Calculate the inductance based on the following equations:
L = (VIN – VOUT) × D × T / iRIPPLE , and
D = (VOUT + VD1) / ( VIN + VD1 ) ,
where
D is the duty cycle,
T is the period 1/ fSW, and
VD1 is the forward voltage drop of the Schottky diode
D1 (see figure 7).
Inductor Selection Chart
The chart in figure 11 summarizes the relationship between LED
current, switching frequency, and inductor value. Based on this
chart: Assuming LED current = 2 A and fSW =1 MHz, then the
minimum inductance required is L = 10 μH in order to keep the
ripple current at 30% or lower. (Note: VOUT = VIN / 2 is the worst
case for ripple current). If the switching frequency is lower, then
either a larger inductance must be used, or the ripple current
requirement has to be relaxed.
Figure 11. Inductance selection based on ILED and fSW; VIN = 24 V,
VOUT = 12 V, ripple current = 30%
Figure 10. A6211 overcurrent protection tripped in the case of a fault
caused by the sense resistor pin shorted to ground; shows switch node,
VSW (ch1, 10 V/div.), output voltage, VOUT (ch2, 10 V/div.), LED current,
iLED (ch3, 1 A/div.), t = 100 μs/div.
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
LED Current, ILED
(A)
L=15 μH
L=22 μH
L=33 μH
L=47 μH
L=10 μH
t
C1
C3
C2
VSW
VOUT
iLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com