Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R150-F Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # RL1632R-R150-F
Description  Constant-Current 3-Ampere PWM Dimmable Buck Regulator LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

RL1632R-R150-F Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button RL1632R-R150-F Datasheet HTML 4Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 5Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 6Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 7Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 8Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 9Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 10Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 11Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Constant-Current 3-Ampere PWM Dimmable
Buck Regulator LED Driver
A6211
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
The A6211 is a buck regulator designed for driving a high-current
LED string. It utilizes average current mode control to maintain
constant LED current and consistent brightness. The LED current
level is easily programmable by selection of an external sense
resistor, with a value determined as follows:
iLED = VCSREG / RSENSE
where VCSREG = 0.2 V typical.
Switching Frequency
The A6211 operates in fixed on-time mode during switching. The
on-time (and hence switching frequency) is programmed using
an external resistor connected between the VIN and TON pins, as
given by the following equation:
tON = k × (RON + RINT ) × ( VOUT / VIN )
fSW = 1 / [ k × (RON + RINT )]
where k = 0.0139, with fSW in MHz, tON in μs, and RON and RINT
(internal resistance, 5 kΩ) in kΩ (see figure 6).
Enable and Dimming
The IC is activated when a logic high signal is applied to the EN
(enable) pin. The buck converter ramps up the LED current to a
target level set by RSENSE.
When the EN pin is forced from high to low, the buck converter
is turned off, but the IC remains in standby mode for up to 10 ms.
If EN goes high again within this period, the LED current is
turned on immediately. Active dimming of the LED is achieved
by sending a PWM (pulse-width modulation) signal to the EN
pin. The resulting LED brightness is proportional to the duty cycle
(TON/Period) of the PWM signal. A practical range for PWM
dimming frequency is between 100 Hz ( Period = 10 ms) and
2 kHz. At a 200 Hz PWM frequency, the dimming duty cycle can
be varied from 100% down to 1% or lower.
If EN is low for more than 17 ms, the IC enters shutdown mode
to reduce power consumption. The next high signal on EN will
initialize a full startup sequence, which includes a startup delay
of approximately 130 μs. This startup delay is not present during
PWM operation.
The EN pin is high-voltage tolerant and can be directly connected
to a power supply. However, if EN is higher than the VIN voltage
Functional Description
Figure 6. Switching Frequency versus RTON Resistance
Figure 7. Simplified buck controller equations, and reference circuit and waveforms
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
20
40
60
80 100 120 140 160 180 200 220 240 260
RTON (kΩ)
• During SW on-time:
iRIPPLE = [(VIN – VOUT) / L] × tON = [(VIN – VOUT) / L] × T × D
iRIPPLE = [(VOUT – VD) / L] × tOFF = [(VOUT – VD) / L] × T × (1 – D)
VOUT = VIN × D – VD × (1 – D)
VOUT = (VIN – Iav × RDS(on)) × D – VD × (1 – D) – RL × Iav
where D = tON / T.
where RL is the resistance of the inductor.
• During SW off-time:
Therefore (simplified equation for Output Voltage):
More precisely:
If VD << VOUT, then VOUT VIN × D.
VSW
iL
t
t
VIN
i(max)
iav
i(min)
0
iRIPPLE
tON
tOFF
T
–VD
CIN
VIN
A6211
SW
VOUT
RSENSE
L
iL
MOS
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com