Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R150-F Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # RL1632R-R150-F
Description  Constant-Current 3-Ampere PWM Dimmable Buck Regulator LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

RL1632R-R150-F Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button RL1632R-R150-F Datasheet HTML 9Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 10Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 11Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 12Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 13Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 14Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 15Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 16Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 17Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Constant-Current 3-Ampere PWM Dimmable
Buck Regulator LED Driver
A6211
13
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Application Circuit
The application circuit in figure 14 shows a design for driving
a 15 V LED string at 1.3 A (set by RSENSE). The switching fre-
quency is 500 kHz, as set by R1. A 0.68 μF ceramic capacitor is
added across the LED string to reduce the ripple current through
the LEDs (as shown in figure 13B).
LED+
LED–
VIN
TON
EN
CS
SW
BOOT
GND
VCC
A6211
1
2
3
4
8
7
6
5
VIN = 24 to 48 V
C1
47 μF
50 V
C2
4.7uF
50V
EN
C4
0.1 μF
R1
140 kΩ
L1
10 μH / 2 A
C5
0.1 μF
RSENSE
0.15 Ω
GND
D1
60 V / 2 A
C3
0.68 μF
50 V
LED
string
(15 V)
Figure 14. Application circuit diagram
Suggested Components
Symbol
Part Number
Manufacturer
C1
EMZA500ADA470MF80G
United Chemi-Con
C2
UMK316BJ475KL-T
Taiyo Yuden
L1
NR8040T100M
Taiyo Yuden
D1
B250A-13-F
Diodes, Inc.
RSENSE
RL1632R-R150-F
Susumu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com