Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R150-F Datasheet(PDF) 16 Page - Allegro MicroSystems

Part # RL1632R-R150-F
Description  Constant-Current 3-Ampere PWM Dimmable Buck Regulator LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

RL1632R-R150-F Datasheet(HTML) 16 Page - Allegro MicroSystems

Back Button RL1632R-R150-F Datasheet HTML 9Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 10Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 11Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 12Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 13Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 14Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 15Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 16Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 17Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Constant-Current 3-Ampere PWM Dimmable
Buck Regulator LED Driver
A6211
16
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
3.30
2
1
8
Reference land pattern layout (reference IPC7351
SOIC127P600X175-9AM); all pads a minimum of 0.20 mm from all
adjacent pads; adjust as necessary to meet application process
requirements and PCB layout tolerances; when mounting on a multilayer
PCB, thermal vias at the exposed thermal pad land can improve thermal
dissipation (reference EIA/JEDEC Standard JESD51-5)
PCB Layout Reference View
C
1.27
5.60
2.41
1.75
0.65
2.41 NOM
3.30 NOM
C
SEATING
PLANE
1.27 BSC
GAUGE PLANE
SEATING PLANE
A Terminal #1 mark area
B
C
B
2
1
8
C
SEATING
PLANE
C
0.10
8X
0.25 BSC
1.04 REF
1.70 MAX
For Reference Only; not for tooling use (reference MS-012BA)
Dimensions in millimeters
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
4.90 ±0.10
3.90 ±0.10
6.00 ±0.20
0.51
0.31
0.15
0.00
0.25
0.17
1.27
0.40
Exposed thermal pad (bottom surface); dimensions may vary with device
A
Branded Face
Package LJ, 8-Pin Narrow SOIC
with Exposed Thermal Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com