Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R150-F Datasheet(PDF) 14 Page - Allegro MicroSystems

Part # RL1632R-R150-F
Description  Constant-Current 3-Ampere PWM Dimmable Buck Regulator LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

RL1632R-R150-F Datasheet(HTML) 14 Page - Allegro MicroSystems

Back Button RL1632R-R150-F Datasheet HTML 9Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 10Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 11Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 12Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 13Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 14Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 15Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 16Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 17Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Constant-Current 3-Ampere PWM Dimmable
Buck Regulator LED Driver
A6211
14
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Component Placement and PCB Layout Guidelines
PCB layout is critical in designing any switching regulator. A
good layout reduces emitted noise from the switching device,
and ensures better thermal performance and higher efficiency.
The following guidelines help to obtain a high quality PCB
layout. Figure 15 shows an example for components placement.
Figure 16 shows the three critical current loops that should be
minimized and connected by relatively wide traces.
1) When the upper FET (integrated inside the A6211) is on, cur-
rent flows from the input supply/capacitors, through the upper
FET, into the load via the output inductor, and back to ground as
shown in loop 1. This loop should have relatively wide traces.
Ideally this connection is made on both the top (component) layer
and via the ground plane.
2) When the upper FET is off, free-wheeling current flows from
ground through the asynchronous diode D1, into the load via the
output inductor, and back to ground as shown in loop 2. This loop
should also be minimized and have relatively wide traces. Ideally
this connection is made on both the top (component) layer and
via the ground plane.
3) The highest di/dt occurs at the instant the upper FET turns on
and the asynchronous diode D1 undergoes reverse recovery as
shown in loop 3. The ceramic input capacitors C2 must deliver
this high instantaneous current. C1 (electrolytic capacitor) should
not be too far off C2. Therefore, the loop from the ceramic input
capacitor through the upper FET and asynchronous diode to
ground should be minimized. Ideally this connection is made on
both the top (component) layer and via the ground plane.
4) The voltage on the SW node (pin 8) transitions from 0 V to
VIN very quickly and may cause noise issues. It is best to place
the asynchronous diode and output inductor close to the A6211 to
minimize the size of the SW polygon.
Keep sensitive analog signals (CS, and R1 of switching fre-
quency setting) away from the SW polygon.
6) For accurate current sensing, the LED current sense resistor
RSENSE should be placed close to the IC.
7) Place the boot strap capacitor C4 near the BOOT node (pin 7)
and keep the routing to this capacitor short.
8) When routing the input and output capacitors (C1, C2, and C3
if used), use multiple vias to the ground plane and place the vias
as close as possible to the A6211 pads.
9) To minimize PCB losses and improve system efficiency, the
input (VIN) and output (VOUT) traces should be wide and dupli-
cated on multiple layers, if possible.
Figure 16. Three different current loops in a buck converter
Figure 15. Example layout for the A6211 evaluation board
VIN
CIN
COUT
D1
L1
LED
SW
Loop 2
Loop 1
Loop 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com