Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R150-F Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # RL1632R-R150-F
Description  Constant-Current 3-Ampere PWM Dimmable Buck Regulator LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

RL1632R-R150-F Datasheet(HTML) 1 Page - Allegro MicroSystems

  RL1632R-R150-F Datasheet HTML 1Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 2Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 3Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 4Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 5Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 6Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 7Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 8Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Description
The A6211 is a single IC switching regulator that provides
constant-current output to drive high-power LEDs. It integrates
a high-side N-channel DMOS switch for DC-to-DC step- down
(buck) conversion. A true average current is output using a
cycle-by-cycle, controlled on-time method.
Output current is user-selectable by an external current sense
resistor. Output voltage is automatically adjusted to drive
various numbers of LEDs in a single string. This ensures the
optimal system efficiency.
LED dimming is accomplished by a direct logic input pulse
width modulation (PWM) signal at the enable pin.
Thedeviceisprovidedinacompact8-pinnarrowSOICpackage
(suffix LJ) with exposed pad for enhanced thermal dissipation.
It is lead (Pb) free, with 100% matte tin leadframe plating.
A6211-DS
Features and Benefits
• Supply voltage 6 to 48 V
• True average output current control
• 3.0 A maximum output over operating temperature range
• Cycle-by-cycle current limit
• Integrated MOSFET switch
• Dimming via direct logic input or power supply voltage
• Internal control loop compensation
• Undervoltage lockout (UVLO) and thermal shutdown
protection
• Low power shutdown (1 μA typical)
• Robust protection against:
▫ Adjacent pin-to-pin short
▫ Pin-to-GND short
▫ Component open/short faults
Constant-Current 3-Ampere PWM Dimmable
Buck Regulator LED Driver
Package 8-pin SOICN with exposed
thermal pad (suffix LJ):
Applications:
• General Illumination
• Scanners and multi-function printers (light bars)
• Architectural lighting
• Industrial Lighting
• Display case lighting / MR16
Typical Application Circuit
Not to scale
A6211
C1
R1
GND
VIN
VIN (6 to 48 V)
1
2
3
4
8
7
6
5
SW
GND
VCC
A6211
BOOT
TON
EN
CS
C5
C4
D1
L1
LED+
LED–
RSENSE
EN
Enable/PWM Dimming
(100 Hz to 2 kHz)


Similar Part No. - RL1632R-R150-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL1632R-R100-F ETC2-RL1632R-R100-F Datasheet
63Kb / 1P
RL series, low resistance value chip resistors with short-side electrodes for high-precision current detection.
logo
ON Semiconductor
RL1632R-R100-F ONSEMI-RL1632R-R100-F Datasheet
284Kb / 22P
1-Channel Automotive LED Driver H−Bridge 1.5 A, 60 V − TSSOP16−EP
July, 2024 - Rev. 1
More results

Similar Description - RL1632R-R150-F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS32LT3953 ISSI-IS32LT3953 Datasheet
386Kb / 10P
CONSTANT-CURRENT 3-AMPERE PWM DIMMABLE
logo
Allegro MicroSystems
A6217 ALLEGRO-A6217 Datasheet
1Mb / 19P
Automotive-Grade, Constant-Current PWM Dimmable Buck Regulator LED Driver
logo
Maxic Technology Corpor...
MT7815C MAXIC-MT7815C Datasheet
286Kb / 1P
PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7816C MAXIC-MT7816C Datasheet
291Kb / 1P
PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7817CD MAXIC-MT7817CD Datasheet
291Kb / 1P
PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7818C MAXIC-MT7818C Datasheet
291Kb / 1P
PWM/Analog dimmable Non-isolated Constant Current LED Driver
logo
Bright Power Semiconduc...
BP2876D BPS-BP2876D Datasheet
495Kb / 2P
PWM Dimmable Buck LED Driver
logo
Allegro MicroSystems
ALT80800 ALLEGRO-ALT80800 Datasheet
1Mb / 23P
Automotive-Grade, Constant-Current 2.0 A PWM Dimmable Synchronous Buck LED Driver
logo
QX Micro Devices Co.,Lt...
QX7138 QXMD-QX7138 Datasheet
1Mb / 2P
PWM dimmable LED constant current driver
logo
Shenzhen Huazhimei Semi...
HM7140 HMSEMI-HM7140 Datasheet
457Kb / 9P
Dimmable constant current LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com