Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R150-F Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # RL1632R-R150-F
Description  Constant-Current 3-Ampere PWM Dimmable Buck Regulator LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

RL1632R-R150-F Datasheet(HTML) 3 Page - Allegro MicroSystems

  RL1632R-R150-F Datasheet HTML 1Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 2Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 3Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 4Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 5Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 6Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 7Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 8Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Constant-Current 3-Ampere PWM Dimmable
Buck Regulator LED Driver
A6211
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
VIL = 0.4 V
VIH = 1.8 V
0.2 V
BOOT
CVCC
CBOOT
L1
D1
LED String
VCC
Shutdown
VIN
VIN
CCOMP
EN
TON
RON
CS
GND
RSENSE
SW
On-Time
Current
Generator
On-Time
Timer
IC and Driver
Control Logic
Level Shift
Gate Drive
UVLO
VCC
UVLO
Off-Time
Timer
VREG 5.3 V
Buck Switch
Current Sense
Current Limit
Off-Time
Timer
ILIM
Thermal
Shutdown
VCC UVLO
PAD
Average
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com