Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R150-F Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # RL1632R-R150-F
Description  Constant-Current 3-Ampere PWM Dimmable Buck Regulator LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

RL1632R-R150-F Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button RL1632R-R150-F Datasheet HTML 2Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 3Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 4Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 5Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 6Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 7Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 8Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 9Page - Allegro MicroSystems RL1632R-R150-F Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Constant-Current 3-Ampere PWM Dimmable
Buck Regulator LED Driver
A6211
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
t
t
Figure 2. PWM operation at various duty cycles; note that there is no startup delay during PWM dimming operation
• Operating conditions: at 200 Hz, VIN = 24 V, VOUT = 15 V, R1 = 63.4 kΩ, duty cycle = 50% (panel 2A) and 2% (panel 2B)
• CH1 (Red) = VIN (10 V/div), CH2 (Blue) = VOUT (10 V/div),
CH3 (Green) = iLED (500 mA/div), CH4 (Yellow) = Enable (5 V/div), time scale = 1 ms/div (panel 2A) and 50 μs/div (panel 2B)
Panel 2A. Duty cycle = 50% and time scale = 1 ms/div
Panel 2B. Duty cycle = 2% and time scale = 50 μs/div
C1,C2
C1,C2
C3
C3
C4
C4
VIN
VIN
VOUT
VOUT
iLED
iLED
VEN
VEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com